PART |
Description |
Maker |
IPB80N04S2-04 IPI80N04S2-04 SP0002-18154 SP0002-19 |
80 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor OptiMOSPower-Transistor
|
INFINEON[Infineon Technologies AG]
|
STB6NA80 4233 STB6NA80-1 STB6NA80T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-262VAR N-CHANNEL Power MOSFET N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
CP40236 |
PELTIER MODU LE
|
CUI INC
|
CP40336 |
PELTIER MODU LE
|
CUI INC
|
CP85438 |
PELTIER MODU LE
|
CUI INC
|
IPB05N03LAG |
80 A, 25 V, 0.0078 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB OptiMOS㈢2 Power-Transistor OptiMOS?2 Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
IRF7103Q IRF7103QTR IRF7103QN |
N-channel power MOSFET for anti-lock braking systems applications, 50V, 3A TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 50V V(BR)DSS | 3A I(D) | SO Power MOSFET(Vdss=50V) 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 50V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
BUZ21L BUZ21LE3045 |
N-Channel SIPMOS Power Transistor Low Voltage MOSFETs - Power MOSFET, 100V, TO-220, RDSon=0.085 Ohm, 21A, LL SIPMOS Power Transistor
|
Infineon Technologies AG
|
BUZ103SL-4 |
Quad-Channel SIPMOS Power Transistor SIPMOS ? Power Transistor SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated) 4.8 A, 55 V, 0.055 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 4.8 A, 55 V, 0.055 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET PLASTIC, DSO-28
|
Siemens Semiconductor Group SIEMENS AG Infineon Technologies AG
|
BUZ102 C67078-S1351-A2 BUZ102E3045A BUZ102E3249 |
N-Channel SIPMOS Power Transistor From old datasheet system SIPMOS ? Power Transistor SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated) 42 A, 50 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 42 A, 50 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated) SIPMOS功率晶体管(N通道增强模式雪崩额定dv / dt的评价)
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG Infineon Technologies AG
|
|