PART |
Description |
Maker |
LCD-160G160A |
160 x 160 Dots Graphic LCD 160 × 160点阵图形液晶显示
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
SATCOM ACR7HXB17CFREQ TDR5HYD57CFREQ TDS5HYD57CFRE |
Temperature Compensated Crystal Oscillators(Frequency from 0.5 MHz to 160 MHz)(温度补偿晶体振荡频率变动:0.5 MHz-160 MHz)) TCXO, CLOCK, 0.5 MHz - 160 MHz, ACMOS OUTPUT TCVCXO, CLOCK, 0.5 MHz - 160 MHz, TTL OUTPUT TCXO, CLOCK, 0.5 MHz - 160 MHz, TTL OUTPUT TCXO, CLOCK, 0.5 MHz - 160 MHz, HCMOS OUTPUT
|
Vectron International, Inc.
|
OMD38L60ML OMD75N06ML |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 76A I(C) | M:ML111MW084 30V N-Channel PowerTrench MOSFET
|
|
AP01L60T |
N-CHANNEL ENHANCEMENT MODE 160 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Advanced Power Electronics, Corp.
|
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
LCC77T491M NS-M491 |
PALM SIZE 160 X 160 COLOR STN - LCC77T491M
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
PI6CV2304 PI6CV2304L PI6CV2304LE PI6CV2304W PI6CV2 |
160 MHz Clock Buffers 160 MHz的时钟缓冲器
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
WG160160A |
LCD MODULE GRAPHIC 160 x 160 DOTS
|
WINSTAR List of Unclassifed Manufacturers
|
AD8304 AD8304ARU AD8304ARU-REEL AD8304ARU-REEL7 AD |
160 dB Logarithmic Amplifier with Photo-Diode Interface 160 dB Range (100 pA -10 mA) Logarithmic Converter
|
AD[Analog Devices]
|
VN0116N3P015 VN0116N3P012 VN0116N3P008 |
250 mA, 160 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SUPERTEX INC
|
FF75R10KN FF150R10KN FF100R10KN FS50R10KF2 FS8R06K |
TRANSISTOR | IGBT | N-CHAN | DUAL | 1KV V(BR)CES | 75A I(C) | M:HL093HD5.6 TRANSISTOR | IGBT | N-CHAN | DUAL | 1KV V(BR)CES | 150A I(C) | M:HL093HW048 TRANSISTOR | IGBT | N-CHAN | DUAL | 1KV V(BR)CES | 100A I(C) | M:HL093HW048 TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 1KV V(BR)CES | 50A I(C) TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 600V V(BR)CES | 8A I(C) 晶体管| IGBT功率模块| 3 - PH值大桥| 600V的五(巴西)国际消费电子展| 8A条一(c TRANSISTOR | IGBT | N-CHAN | DUAL | 1KV V(BR)CES | 15A I(C) | M:HL080HD5.3 晶体管| IGBT的|正陈|双| 1KV交五(巴西)国际消费电子展|5A一(c)|米:HL080HD5.3 TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 600V V(BR)CES | 75A I(C) 晶体管| IGBT功率模块| 3 - PH值大桥| 600V的五(巴西)国际消费电子展| 75A条一(c
|
Delta Electronics, Inc. Fuji Electric Holdings Co., Ltd. Infineon Technologies AG
|