PART |
Description |
Maker |
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
BCM847DS BCM847BS BCM847BV BCM847BV115 |
NPN/NPN matched double transistors; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN matched double transistors
|
NXP Semiconductors N.V.
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
SLA4041 |
3 A, 200 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR NPN Darlington With built-in flywheel diode
|
Sanken electric
|
SMA4032 |
3 A, 100 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR NPN Darlington With built-in flywheel diode
|
SANKEN[Sanken electric]
|
ZDT6702TA |
TRANS NPN DL DARL 60V 2000MA SM8 2 A, 60 V, 2 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductor PLC
|
XN4211 |
Silicon NPN epitaxial planer transistor 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Semiconductor
|
XN4501 |
Silicon NPN epitaxial planer transistor 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
XN1509 |
Silicon NPN epitaxial planer transistor 50 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Semiconductor
|
MPQ2222 MPQ6700 MPQ6100A MPQ3467 MPQ2907 MPQ6502 M |
QUAD TRANSISTORS 45 V, 4 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, TO-116 QUAD TRANSISTORS 250 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR, TO-116 QUAD TRANSISTORS 40 V, 4 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-116 (MPQxxx) QUAD TRANSISTORS
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N2223 2N2914 2N2915A 2N2916A 2N2917 2N2919 2N2919 |
Dual Transistors 40 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 300 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 200 mA, 15 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Leaded Small Signal Transistor Dual
|
Thomas Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|