PART |
Description |
Maker |
ENW1D-D28-L00128 ENW1D-D28-M00128 ENW1D-D28-M00128 |
ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-5 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-5 ENCODER - ROTARY OPTICAL ROTARY OPTICAL POSITION ENCODER Encoders 256Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 128Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 64Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 256Cycle Radial ROTARY OPTICAL POSITION ENCODER 20CODER - ROTARY OPTICAL ROTARY OPTICAL POSITION ENCODER Encoders 64Cycle Radial ROTARY OPTICAL POSITION ENCODER Encoders 128Cycle Radial ROTARY OPTICAL POSITION ENCODER Encoders 100Cycle Axial ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
EMS22D31-R16-LD5 EMS22D33-R25-LD5 EMS22D51-C16-WS2 |
SINGLE, 3 CHANNELS, ROTARY/LINEAR OPTICAL POSITION ENCODER ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
IC-OG-BLCCOGC |
ROTARY/LINEAR OPTICAL POSITION ENCODER
|
Elprotronic, Inc.
|
HEDS-9720OPTIONK51 HEDS-9700OPTIONM55 |
SINGLE, 2 CHANNELS, LINEAR OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
351HE0A1ZA 351HE1A1ZA 351HE2A1ZA 351HE3A1ZA 351HE0 |
1/2 mm) Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm) POSITION, ROTARY SENSOR-HALL EFFECT, 270deg ROHS COMPLIANT PACKAGE POSITION, ROTARY SENSOR-HALL EFFECT, 360deg POSITION, ROTARY SENSOR-HALL EFFECT, 90deg POSITION, ROTARY SENSOR-HALL EFFECT, 180deg
|
Vishay Siliconix Vishay Intertechnology, Inc. VISHAY SPECTROL
|
BHF1P.24K80000-12-A BHG1P.24K80000-B2-A BHG1P.24K8 |
ROTARY OPTICAL POSITION ENCODER
|
ATM Electronic, Corp.
|
MES20-2048P-E3 |
ROTARY OPTICAL POSITION ENCODER
|
Vishay Beyschlag
|
BPSV58K1P24D13/00C6D |
ROTARY OPTICAL POSITION ENCODER
|
ZETTLER electronics GmbH
|
NHY-30-2MC-68 NHY-30-2MC-48 NHY-30-2MC-66 NHY-20-2 |
ROTARY OPTICAL POSITION ENCODER
|
|
NSO-10002MD-8-050 NSO-10002MHCP-8-050 NSO-10242MD- |
ROTARY OPTICAL POSITION ENCODER
|
Ecliptek, Corp. Pulse Engineering, Inc. Hokuriku Electric Industry Co., Ltd.
|
63R25-020T |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|