PART |
Description |
Maker |
A065URD73LI1800 A090URD73LI1400 A120URD73LI0800 A1 |
VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1400A, 900VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 800A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 400A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 500A, 1200VAC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
0251.250PRT1HF 0251.125PRT1HF 0251.062PRT1HF 0251. |
VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.062A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 3A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
3M Company
|
217080P 217.063P 217.040P 217.800P 217.500P 217.20 |
Available in Cartridge and Axial Lead Form FAST BLOW ELECTRIC FUSE, 0.05A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER 5 x 20 mm Fast-Acting Fuse
|
Littelfuse
|
MFU0603FF01250P100 MFU1206FF00500P100 MFU1206FF006 |
Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.5A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.63A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.75A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT MFU Series Thin Film Chip Fuses Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Thin Film Chip Fuses
|
Vishay Beyschlag Vishay Siliconix
|
A15QS20-2 A15QS500-4IL A15QS150-4TI A15QS40-1 A15Q |
FAST BLOW ELECTRIC FUSE, 20A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 500A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 150A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 40A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 80A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
LA70QS10-14F06 LA70QS50-14F LA70QS50-22F LA70QS100 |
VERY FAST BLOW ELECTRIC FUSE, 40A, 690VAC, 700VDC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 25A, 690VAC, 700VDC, 200000A (IR), INLINE/HOLDER Special Purpose Fuses
|
Littelfuse
|
0275020.MRT1L 0275030.MRT1L 0275030.MXL 0275030.VX |
275 Series, PICO , Very Fast-Acting Fuse VERY FAST BLOW ELECTRIC FUSE, 30A, 32VAC, 32VDC, 100A (IR), THROUGH HOLE
|
Littelfuse
|
0216.200MRET1P 0216.500MXGP 0216004.MXGP 0216004.M |
FAST BLOW ELECTRIC FUSE, 0.2A, 250VAC, 1500A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 1500A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER
|
|
0267.125V 0267.250V 0267.250VXT 0266005.V 0265.062 |
265/266/267 Series, PICO?, Very Fast-Acting Fuse (High-Reliability) VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Littelfuse
|
TR2/6125FA5A TR2/6125FA2A TR2/6125FA10A TR2/6125FA |
FUSE BRICK 5A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 2A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 10A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 3.5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
|