PART |
Description |
Maker |
1N6139 1N6143 1N6173 1N6138 1N6140 1N6141 1N6142 1 |
Axialleaded Hermetically Sealed,1500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密1500W,最大钳位电131.1V,双极瞬变电压抑制 Axialleaded密封1500W的双极性瞬态电压抑制器(轴向引脚,密封1500W的,最大钳位电131.1V,双极瞬变电压抑制器 Axialleaded Hermetically Sealed,1500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密1500W,最大钳位电44.1V,双极瞬变电压抑制 Axialleaded密封500W的双极性瞬态电压抑制器(轴向引脚,密封500W的,最大钳位电44.1V,双极瞬变电压抑制器 1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS 1500W的双极性瞬态电压抑制器 Axialleaded Hermetically Sealed,1500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密1500W,最大钳位电1.9V,双极瞬变电压抑制 Axialleaded密封1500W的双极性瞬态电压抑制器(轴向引脚,密封1500W的,最大钳位电1.9V,双极瞬变电压抑制器 Axialleaded Hermetically Sealed,1500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密1500W,最大钳位电172.9V,双极瞬变电压抑制 Axialleaded密封1500W的双极性瞬态电压抑制器(轴向引脚,密封1500W的,最大钳位电172.9V,双极瞬变电压抑制器 Axialleaded Hermetically Sealed,1500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密1500W,最大钳位电56.2V,双极瞬变电压抑制
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
1.5KE24CA-T 1.5KE56CA-T 1.5KE11CA-B 1.5KE51CA-B 1. |
1500W TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1500W TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
Diodes, Inc. Vishay Intertechnology, Inc.
|
1N6360 1N6363 |
1500W TRANSIENT VOLTAGE SUPPRESSOR
|
Digitron Semiconductors
|
1.5SMCJ220CA 1.5SMCJ180 1.5SMCJ180A 1.5SMCJ180C 1. |
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
WTE[Won-Top Electronics]
|
SMCJ33CA SMCJ5 SMCJ150CA SMCJ24A SMCJ45A SMCJ28CA |
1500W Surface Mount Transient Voltage Suppressor
|
TAITRON Components Incorporated TAITRON Components Inco...
|
1.5SMCJ54-LFR 1.5SMCJ43-LFR 1.5SMCJ12-LFR 1.5SMCJ2 |
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Frontier Electronics.
|
1.5KE300CA 1.5KE180CA |
(1.5KE Series) 1500W TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
1.5SMCJ |
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500W的表面贴装瞬态电压抑制器
|
Won-Top Electronics Co., Ltd.
|
1N6140US 1N6169AUS 1N6167US 1N6148AUS 1N6148US 1N6 |
1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
|
Semtech Corporation
|
1.5SMCJ6.0A 1.5SMCJ 1.5SMCJ350CA 1.5SMCJ350A 1.5SM |
1500W Surface Mount Transient Voltage Suppressor 1500W Surface Mount Transient Voltage Suppressor
|
Weitron Technology
|