PART |
Description |
Maker |
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
39870-0304 |
Terminal Block; Pitch Spacing:0.197"; Body Material:Nylon 6/6; No. of Contacts:4; No. of Rows:1; Series:Beau Eurostyle 15 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
25.700.0153.0 |
Terminal Block; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
1683490000 |
Feed-Through Terminal; No. of Positions:1; Wire Size (AWG):12-30; Mounting Type:Clipped RoHS Compliant: Yes 27 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
860903-10A |
MODULAR TERMINAL BLOCK
|
MOLEX INC
|
906819-G30 |
MODULAR TERMINAL BLOCK
|
BEAU INTERCONNECT
|
ELM051200 ELM181200 ELM071100 ELM151100 ELM111100 |
MODULAR TERMINAL BLOCK
|
|
5KEV-03 5KEV-03-1 5KEV-05-1 5KEV-02-1 5KEV-17 |
MODULAR TERMINAL BLOCK
|
AUGAT INC
|
|