PART |
Description |
Maker |
STK12C68-IM STK12C68-L45IM STK12C68-L35IM STK12C68 |
NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:3.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154 Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:1.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154 Fuse Holder; Mounting Type:PC Board Surface Mount; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:1.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Fuse Holder; Body Material:Thermoplastic; Current Rating:3A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154; Contact Material:Beryllium Copper; Contact Plating:Tin; Mounting Type:PC Board RoHS Compliant: Yes Fuse Holder; Body Material:Thermoplastic; Current Rating:5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154; Contact Material:Beryllium Copper; Contact Plating:Tin; Mounting Type:PC Board RoHS Compliant: Yes FUSE 5A LITTLEFUSE 154005 CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
|
N.A. ETC[ETC] List of Unclassifed Manufacturers
|
17.5SDLSJ20 36SDQSJ10 36SDQSJ6.3 36SDQSJ20 17.5SFL |
ELECTRIC FUSE, 20A, 17500VAC, 17500VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 10A, 36000VAC, 36000VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 6.3A, 36000VAC, 36000VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 20A, 36000VAC, 36000VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 17500VAC, 17500VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 36000VAC, 36000VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 24000VAC, 24000VDC, 50000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
170M4418 170M3464 170M3458 M5468 170M5463 |
ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 1250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 700A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
BCD250-1 |
Fuse Holder; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Thermoplastic; Leaded Process Compatible:Yes; Series:348; Bezel Cap Color:Red; Bezel Color:Black; Mounting Type:Panel Mount; Terminal Type:Quick Connect RoHS Compliant: Yes
|
|
A070UD31TTI250 A050UD33TTI2500 A070UD31TTI630 |
ELECTRIC FUSE, 250A, 690VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 2500A, 450VAC, 110000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 690VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
L562/PCB/2.5A L562/PCB/4A L562/PCB/1A L562/PCB/100 |
FAST BLOW ELECTRIC FUSE, 2.5A, 150VAC, 150VDC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 4A, 60VAC, 60VDC, 40A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 1A, 150VAC, 200VDC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.1A, 250VAC, 900VDC, 35A (IR), INLINE/HOLDER
|
Dialight Europe, Ltd. DIALIGHT BLP COMPONENTS LTD
|
BU17-100SE BBU17-10E BBU38-100E |
SLOW BLOW ELECTRIC FUSE, 100A, 17000VAC, 14000A (IR), INLINE/HOLDER ELECTRIC FUSE, 10A, 17000VAC, 14000A (IR), INLINE/HOLDER ELECTRIC FUSE, 100A, 38000VAC, 38000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
BK/AGC-3/4-R BK/AGC-15-R BK1/AGC-12B |
FUSE 3/4A 250V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 0.75A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 15A 32V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 1000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 1000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
L15S200 L60S800 KLA50 |
FAST BLOW ELECTRIC FUSE, 200A, 150VAC, 100VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 800A, 600VAC, 200000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 50A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER
|
|
217080P 217.063P 217.040P 217.800P 217.500P 217.20 |
Available in Cartridge and Axial Lead Form FAST BLOW ELECTRIC FUSE, 0.05A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER 5 x 20 mm Fast-Acting Fuse
|
Littelfuse
|
6.6URS17/63 6.6URS17P35 6.6URS17P25 6.6URS17P20 |
ELECTRIC FUSE, 63A, 660VAC, 660VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 35A, 660VAC, 660VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 25A, 660VAC, 660VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 20A, 660VAC, 660VDC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
17.5TFLSJ50 17.5TDMEJ20 |
ELECTRIC FUSE, 50A, 17500VAC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 20A, 17500VAC, 50000A (IR), INLINE/HOLDER
|
CORNELL-DUBILIER ELECTRONICS INC
|
|