PART |
Description |
Maker |
ISL5761EVAL1 ISL5761IA ISL57612IB ISL5761IB ISL576 |
10-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter CONNECTOR ACCESSORY 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter PARALLEL, WORD INPUT LOADING, 0.035 us SETTLING TIME, 10-BIT DAC, PDSO28 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter 10位,3.3伏,130/210MSPSCommLink商标高速D / A转换 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
|
Intersil Corporation Intersil, Corp.
|
3EZ12D5 3EZ4.3D5 3EZ10D5 3EZ5.6D5 3EZ100D5 3EZ110D |
3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -20% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 190 V, current 4.0 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 190 V, current 4.0 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 190 V, current 4.0 mA, -20% tolerance. 3 W, silicon zener diode. Nominal voltage 120 V, current 6.3 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 120 V, current 6.3 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -20% tolerance. surface mount silicon Zener diodes 硅表面贴装齐纳二极管 3 W, silicon zener diode. Nominal voltage 160 V, current 4.7 mA, -20% tolerance. 3 W, silicon zener diode. Nominal voltage 160 V, current 4.7 mA, -1% tolerance. 3 W, silicon zener diode. Nominal voltage 160 V, current 4.7 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 180 V, current 4.2 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 140 V, current 5.3 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 120 V, current 6.3 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 120 V, current 6.3 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 190 V, current 4.0 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -20% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -10% tolerance. 3 W, silicon zener diode. Nominal voltage 130 V, current 5.8 mA, -4% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -2% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -3% tolerance. 3 W, silicon zener diode. Nominal voltage 200 V, current 3.7 mA, -10% tolerance. 3W SILICON ZENER DIODE
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢?????? http:// Jinan Gude Electronic D...
|
ISL58292IN ISL5829EVAL1 ISL5829IN |
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter Dual 12-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter 210MHz; 3.6V; 24mA; dual 12-bit, 3.3V, 130/210 MSPS, commLink high speed D/A converter. For quadrature transmit with IF range 0-80MHz, medical/test instrumentation and equipment, wireless communication systems, BWA infrastructure
|
http:// Intersil Corporation
|
ISL56292IN ISL5629EVAL1 ISL5629IN ISL5629 |
Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter 位,3.3伏,130/210MSPSCommLink商标高速D / A转换 Dual 8-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter
|
Intersil, Corp. Intersil Corporation
|
VUE130-12NO7 L566 |
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 3 PHASE, 130 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS[IXYS Corporation]
|
1N5953B 1N5918BG 1N5937 1N5937B 1N5929 1N5929B 1N5 |
Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Zener Voltage Regulator Diode 33 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 18 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 39 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 9.1 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 6.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 24 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL IC CRIMZON Z8 MCU OTP 64K 20SSOP ZenerVoltageRegulatorDiode
5V to ±10V Voltage Converters Voltage Detectors SILICON 1.5 WATT ZENER DIODES
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
CM520813 |
SCR/Diode POW-R-BLOK Modules 130 Amperes/800 Volts SCR/Diode POW-R-BLOK⑩ Modules 130 Amperes/800 Volts
|
POWEREX[Powerex Power Semiconductors]
|
UPA2764T1A UPA2764T1A-E2-AY |
N-channel MOSFET 30 V , 130 A , 1.10 m
|
Renesas Electronics Corporation
|
L9181-02-15 |
130 kV MICROFOCUS X-RAY SOURCE
|
Hamamatsu Corporation
|
L6622-01 |
130 KV MICROFOCUS X-RAY SOURCE
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
2988803 |
Controller - ILC 130 ETH
|
PHOENIX CONTACT
|
|