PART |
Description |
Maker |
MA4EX950L-1225 MA4EX950L-1225T NJG1557KB2-L8 NJG15 |
Low Cost Silicon Double Balanced HMIC Mixer, 700 - 1200 MHz 低成本硅双平衡HMIC搅拌机,700 - 1200兆赫 Low Cost Silicon Double Balanced HMICMixer, 700 - 1200 MHz 低成本硅HMIC⑩双平衡混频器,700 - 1200兆赫
|
MACOM[Tyco Electronics] Microsemi, Corp.
|
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
OSC-20SM OSC-2.0SM |
40LD PIN, 2.4 GHZ IEEE/ZIGBEE TRANSCEIVER, -40C to 85C, 40-QFN, TUBE 14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator 14引脚DIP封装.0伏,高速CMOS/TTL电平,时钟振荡器 NPN Silicon RF Power Transistor(Ic: 700 mA,Vce: 30 V)(NPN 硅型射频功率晶体Ic: 700 mA,Vce: 30 V))
|
Advanced Semiconductor, Inc.
|
SPK1245-C-S-A01 |
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
|
Rectron Semiconductor
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
MA4EX900L-1226T MA4EX900L-1226 |
700 MHz - 1000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9 dB CONVERSION LOSS-MAX Silicon Double Balanced HMIC Mixer, 700 - 1000 MHz
|
MACOM[Tyco Electronics]
|
MA4EX950H1-1225T |
Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
|
M/A-COM Technology Solutions, Inc.
|
ADL5322ACPZ-WP ADL5322-EVAL ADL5322ACPZ-R7 ADL5322 |
700 MHz to 1000 MHz GaAs Matched RF PA Predriver 700 MHz - 1000 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Analog Devices, Inc. AD[Analog Devices]
|
2SC2925 |
Silicon NPN epitaxial planer type(For low-frequency output amplification0 700 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. Panasonic Semiconductor
|
KSC1008YTA KSC1008YTF |
NPN Epitacial Silicon Transistor 700 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|