PART |
Description |
Maker |
CECWP2G272M2-L22 CECWP2G392M3-L22 CECWP2G102M1-L22 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1000 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 330 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1800 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 560 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 470 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 390 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT
|
Nippon Chemi-con, Corp.
|
LPR472M063E7P3 LPR333M010E7P3 LPR391M250E7P3 LPR15 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 4700 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 33000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 390 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 15000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 2700 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 22000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 1000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 560 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 12000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 39000 uF, THROUGH HOLE MOUNT CAN
|
Aerovox, Corp.
|
MH32S72BBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:7.5VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:780uF
|
Mitsubishi Electric Corporation
|
NRSZ122M25V12.5X25 NRSZ562M6.3V16X25 NRSZ681M6.3V8 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 5600 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 33 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP, RADIAL ELEC, LOW-ESR, 25V, 330UF CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 330 uF, THROUGH HOLE MOUNT
|
NIC Components, Corp.
|
KA-3528SRC KA-3528SGC KA-3528EC KA-3528IT KA-3528Y |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 250V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 120uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 200V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 250V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 200V; Case Size: 30x25 mm; Packaging: Bulk 3.5 x 2.8mm SURFACE MOUNT LED LAMPS
|
Kingbright Corporation. ETC
|
GT2A479M64140SB GT1K689M64140SB GT2G338M64140SB GT |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 47000 uF, CHASSIS MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 68000 uF, CHASSIS MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 15000 uF, CHASSIS MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 2700 uF, CHASSIS MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 3900 uF, CHASSIS MOUNT ROHS COMPLIANT
|
Samwha Electronics
|
EYZ00BB322N02V EYZ00BB422J02V EYZ00BB315X02V EYZ00 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 220 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 2200 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 150 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 330 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 385 V, 150 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 1000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 40 V, 4700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT
|
Vishay Intertechnology, Inc.
|
LXZ63VB471M12X30LL LXZ63VB821M12X40LL LXZ6.3VB682M |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 5600 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 18000 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 390 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Nippon Chemi-con, Corp.
|
UHM1C272MHD |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 2700uF; Voltage: 16V; Case Size: 12.5x25 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 2700 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
MAX641-MAX643 MAX643 MAX642ACPA MAX641 MAX641-BMAX |
Fixed Output 10W CMOS Step-Up Switching Regulators Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:17000uF RoHS Compliant: Yes RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
|