PART |
Description |
Maker |
IS24C08A-3PLA3 IS24C02A-3SLA3 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
IS24C01B-2ZLI IS24C02B-2PLI |
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IS24C02A-3PLA3 IS24C08A-2Z IS24C04A-3GLI |
512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
INTEGRATED SILICON SOLUTION INC Integrated Silicon Solution, Inc.
|
TC9WMB1FK |
1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
|
Toshiba Semiconductor
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS24C02B-2PI |
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
MAX5363 MAX5363EUT-T MAX5364 MAX5364EUT-T MAX5365 |
Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO6 Low-Cost Low-Power 6-Bit DACs with 3-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1036LEKAT MAX1038AEEET |
2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs 4-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs 12-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Maxim Integrated Products, Inc.
|
MAX520 MAX521BC/D MAX520-MAX521 MAX521ACWG-T MAX52 |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDIP16 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 Quad/Octal / 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
IS24C52-3ZI IS24C52 IS24C52-2G IS24C52-2GI IS24C52 |
2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 From old datasheet system
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|