PART |
Description |
Maker |
CY7C1372CV25-167AI CY7C1372CV25-167BGI CY7C1372CV2 |
512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 12k × 36/1M × 18流水线的SRAM架构的总线延迟 CAP,Ceramic,10000pF,500VDC,10-% Tol,10% Tol,X7R-TC Code,-15,15%-TC,30ppm-TC RoHS Compliant: Yes 512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
IS61NVF102418-6.5B2 IS61NVF25672-6.5B1 IS61NVF5123 |
1M X 18 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 6.5 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209 512K X 36 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 7.5 ns, PBGA209
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71T75602 IDT71T75802S100PFI8 IDT71T75802S100PF8 |
2.5V 1M X 18 ZBT Synchronous 2.5V I/O PipeLine SRAM *NEW* 2.5V 512K X 36 ZBT Synchronous 2.5V I/O Pipeline SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
|
IDT
|
IDT71V547S100PF IDT71V547S100PFI IDT71V547S80PF ID |
From old datasheet system 128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs 3.3V 128Kx36 ZBT Synchronous Flow-Through SRAM
|
IDT[Integrated Device Technology]
|
MT55V1MV18FF-12 MT55V512V36FT-12 MT55V512V36FF-12 |
1M X 18 ZBT SRAM, 9 ns, PBGA165 512K X 36 ZBT SRAM, 9 ns, PQFP100 512K X 36 ZBT SRAM, 9 ns, PBGA165
|
CYPRESS SEMICONDUCTOR CORP
|
CY7C1370D-250BZI CY7C1372D-167BGC CY7C1372D-167BZC |
18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture 1M X 18 ZBT SRAM, 3.4 ns, PQFP100 18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture 1M X 18 ZBT SRAM, 2.6 ns, PBGA165 18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture 1M X 18 ZBT SRAM, 2.6 ns, PBGA119
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
GS8324Z72C-200 GS8324Z18B GS8324Z18C-200I GS8324Z7 |
2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 1M X 36 ZBT SRAM, 10 ns, PBGA209 2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 512K X 72 ZBT SRAM, 7.5 ns, PBGA209 2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 2M X 18 ZBT SRAM, 6 ns, PBGA119 2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 1M X 36 ZBT SRAM, 8.5 ns, PBGA209 512K X 72 ZBT SRAM, 6 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 512K X 72 ZBT SRAM, 10 ns, PBGA209
|
GSI Technology, Inc.
|
AS7C25512NTF32_36A AS7C25512NTF36A-10TQC AS7C25512 |
2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 7.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/AMMO DIODE, ZENER, 24V, 5%, 1W& DIODE ZENER SINGLE 1000mW 33Vz 7.5mA-Izt 0.05 5uA-Ir 25.1Vr DO41-GLASS 5K/REEL NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
|