PART |
Description |
Maker |
EMC2300-AZC EMC2300-AZC-TR EMC2300 |
Fan Control Device with High Frequency PWM and Temperature Monitors
|
SMSC[SMSC Corporation]
|
EMC6D100 EMC6D101-CK EMC6D100-DK |
ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY 环境监察及控制装置和自动风扇能力
|
http:// SMSC, Corp. ETC
|
EMC6D102 EMC6D102-CZC EMC6D102-CZC-TR EMC6D10206 |
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
|
http://
|
EMC6W201-AEZG |
Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
|
SMSC Corporation
|
TC650 TC651 TC650ABVUA TC650AAVUA TC650ACVUA TC651 |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert (TC650 / TC651) Tiny Integrated Temperature Sensor & Brushless DC Fan Controller Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert The TC650/651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applica
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
SC2128C-M94S SC2128C SC2128C-C20D SC2128C-C20S SC2 |
REMOTE FAN CONTROL IC
|
http:// SILAN[Silan Microelectronics Joint-stock]
|
SC8207A4K SC8207A4KL SC8207A4KS SC8207A4KSL SC8207 |
FAN REMOTE CONTROL DECODER USED TOGETHER
|
Silan Microelectronics Joint-stock
|
AIC1993 |
Linear Fan Control Driver IC
|
http:// Analog Intergrations Corporation
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
TC670ECHTR TC67003 TC670 |
The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user specified level, the TC670 asserts an ALERT signal. With th Tiny Predictive Fan Failure Detector
|
Microchip Technology
|
ASC7611 ASC7611QS24 |
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
|
List of Unclassifed Manufacturers
|