PART |
Description |
Maker |
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2SA970GR BCX79-10 2SA984F 2SA1266 2SA1266O |
100 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
PZT2907AT1G |
Small Signal Switch PNP; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 1000 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Rectron Semiconductor
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
DDA114EK DDA114EK-7 DDA114TK DDA114TK-7 DDA114YK D |
PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
BC857BT-7 BC857AT BC857AT-7 BC857CT BC857CT-7 BC85 |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR Wideband Video Quad SPST
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTA123EE-7-F DDTA114EE-7-F DDTA124EE-7-F 144EE-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
BC557 BC556B BC556A BC557B BC556 BC557C BC558 |
PNP Silicon Planar Epitaxial Transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
DDTA123JKA-7-F DDTA123YKA-7-F DDTA143FKA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. 小信号晶体管 Diodes, Inc.
|
PN4249 PN4248 PN4250A FTSO4248 FTSO4249 FTSO4250 F |
PNP small signal high speed saturated switch. PNP small signal ultra high speed logic switch. PNP low noise high voltage amplifier. PNP general purpose amplifier. PNP Low Level Low Noise Amplifiers 进步党低级别低噪声放大器
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BC807-40 BC807-25 |
SMALL SIGNAL PNP TRANSISTOR SMALL SIGNAL PNP TRANSISTORS
|
ST Microelectronics STMicroelectronics 意法半导
|
|