PART |
Description |
Maker |
CMXSTB200 CMXSTB400 CMXSTB300 CMXSTB200LEADFREE CM |
3 ELEMENT, SILICON, SIGNAL DIODE SOT-26, 6 PIN 2 ELEMENT, SILICON, SIGNAL DIODE SOT-26, 6 PIN SURFACE MOUNT FORWARD REFERENCE DIODE (STABISTOR)
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
CMPSH-310 CMPSH-3ALEADFREE CMPSH-3S CMPSH-3C |
SURFACE MOUNT SILICON SCHOTTKY DIODES 0.1 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE SOT-23, 3 PIN
|
Central Semiconductor Corp Central Semiconductor, Corp. Central Semiconductor C...
|
CMPSH-3E10 CMPSH-3AELEADFREE CMPSH-3CE |
ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SOT-23, 3 PIN
|
Central Semiconductor Corp Central Semiconductor, Corp. Central Semiconductor C...
|
UMA5817 UMA5818 UMA5819 MA5817 MVUMA5819 MQUMA5817 |
1 A, 40 V, SILICON, SIGNAL DIODE ULTRAMITTE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 A, 30 V, SILICON, SIGNAL DIODE 1 A, 20 V, SILICON, SIGNAL DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-SCOTTSDALE
|
MMBZ5221BTS MMBZ5223BTS MMBZ5225BTS MMBZ5226BTS MM |
surface mount silicon Zener diodes 7.5 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5-30V Single Comparator, Ta = 0 to 70°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 18 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Small Signal Bias Resistor Transistor SC75 NPN 50V; Package: SC-75 (SOT-416) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 Small Signal Bias Resistor Transistor SOT-723 PNP 50V; Package: SOT-723 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 8000 TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
FYV0203DSMTF |
Schottky Diode; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Fairchild Semiconductor, Corp.
|
GP10YHE3/73 GP10YHE3/54 GP10W-E3/54 GP10VHE3/73 |
1 A, 1600 V, SILICON, SIGNAL DIODE, DO-204AL ROHS COMPLIANT, PLASTIC, DO-41, 2 PIN 1 A, 1500 V, SILICON, SIGNAL DIODE, DO-204AL 1 A, 1400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
1N4003-A 1N4004-A 1N4003-T 1N4002L-T 1N4006L-T 1N4 |
1.0A RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41 1.0A RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1.0A RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE 1.0A RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Diodes, Inc.
|
FM400109 FM4003-T FM4001-T |
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 200 V, SILICON, SIGNAL DIODE, DO-214AC 1 A, 50 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
1N3647 1N5182 1N4257 1N3643 1N4254 JANTXV1N3647 1N |
HIGH VOLTAGE RECTIFIERS 0.25 A, SILICON, SIGNAL DIODE CAP 1.0PF 50V /-0.25PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR 0.25 A, SILICON, SIGNAL DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|