PART |
Description |
Maker |
2N6576 |
15 AMPERE NPN DARLINGTON POWER TRAN
|
General Semiconductor
|
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
NESG3031M14NBSP NESG3031M14-T3 NESG3031M14 |
From old datasheet system NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
|
NEC[NEC]
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
2SB1371 |
Silicon PNP triple diffusion planar type(For high power amplification) 6 A, 120 V, PNP, Si, POWER TRANSISTOR
|
TE Connectivity, Ltd. PANASONIC[Panasonic Semiconductor]
|
2SB1645 |
Silicon PNP triple diffusion planar type Darlington(For power amplification) 8 A, 160 V, PNP, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
MJE5731A MJE5731 MJE5730 ON2039 |
POWER TRANSISTORS PNP SILICON 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1.0 AMPERE POWER TRANSISTORS From old datasheet system
|
ON Semiconductor
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
KSH117TF KSH117ITU |
PNP Silicon Darlington Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-251 IPAK-3
|
Fairchild Semiconductor, Corp.
|
2SA1319-AA 2SB631-LS 2SD600K-LS 2SB631-YA 2SA1249- |
700 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-126 1 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-126 1.5 A, 160 V, PNP, Si, POWER TRANSISTOR, TO-126
|
SANYO SEMICONDUCTOR CO LTD
|
|