PART |
Description |
Maker |
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
EDS6432AFBH-TT |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:22uF RoHS Compliant: Yes 6400位SDRAM的抗水树(宽温度范围
|
Elpida Memory, Inc.
|
AFK106M63D16T-F AFK228M25PB-F AFK477M50PB-F AFK337 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2200 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 470 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 100 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 1000 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 3300 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1500 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 470 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 150 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1500 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 100 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 1500 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 10 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 220 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 680 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
|
Cornell Dubilier Electronics, Inc.
|
UCD1K3R3MCL1GS UCD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 3.3uF; Voltage: 80V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3.3 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
Nichicon, Corp.
|
UZS1V100MCL1GB UZS0J220MCL1GB |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT 4mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT 4.5mm Length General Purpose Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 4x4.6 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 22 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
KZH6.3VB472M12X25LL KZH6.3VB122M8X15LL KZH6.3VB152 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1800 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Nippon Chemi-con, Corp.
|
LKG1V152MESYBK LKG1E272MESZBK LKG1E332MESYBK LKG1E |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1500 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 3300 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2200 uF, THROUGH HOLE MOUNT ROHS COMPLIANT Aluminum Snap-In Audio Grade Capacitor; Capacitance: 4700uF; Voltage: 80V; Case Size: 35x50 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 4700 uF, THROUGH HOLE MOUNT Aluminum Snap-In Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 35x20 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Aluminum Snap-In Audio Grade Capacitor; Capacitance: 10000uF; Voltage: 50V; Case Size: 35x50 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 10000 uF, THROUGH HOLE MOUNT Aluminum Snap-In Audio Grade Capacitor; Capacitance: 8200uF; Voltage: 50V; Case Size: 35x45 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 8200 uF, THROUGH HOLE MOUNT Aluminum Snap-In Audio Grade Capacitor; Capacitance: 5600uF; Voltage: 63V; Case Size: 35x40 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 5600 uF, THROUGH HOLE MOUNT Aluminum Snap-In Audio Grade Capacitor; Capacitance: 3300uF; Voltage: 63V; Case Size: 35x30 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3300 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343 |
InGaAs PIN photodiode with preamp Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 160V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 30x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 200V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 200V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk Optoelectronic 光电 InGaAs PIN photodiode with preamp 铟镓砷PIN光电二极管和前置放大
|
HAMAMATSU[Hamamatsu Corporation] NXP Semiconductors N.V. Hamamatsu Photonics K.K.
|
MH32S72APHB-7 MH32S72APHB-8 MH32S72APHB-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:6900uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:100VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:78uF RoHS Compliant: Yes 2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
|
Mitsubishi Electric Corporation
|
HSC-AT11U-A30 HSC-AT11K-A00 HSC-AT11K-A01 HSC-AT11 |
Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 22x30 mm; Packaging: Bulk SC型固定衰减器 SC Type Fixed Attenuators SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 450V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
UHM1C272MHD |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 2700uF; Voltage: 16V; Case Size: 12.5x25 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 2700 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
|