PART |
Description |
Maker |
EEUEBXXX EEUEB1A101 EEUEB1A101S EEUEB1A221 EEUEB1A |
Aluminum Electronic Capacitor Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 220 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3.3 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT KJL 79C 79#22 PIN RECP CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4.7 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MYB79D MGB79D MSB79D MXB79 |
1.90 X 3.97MM ROUND RECTANGULAR BARLED LAMP 1.90 X 3.97MM圆形矩形BARLED Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:100VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:20000uF RoHS Compliant: Yes
|
MICRO-ELECTRONICS[Micro Electronics]
|
UCD1K3R3MCL1GS UCD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 3.3uF; Voltage: 80V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3.3 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
Nichicon, Corp.
|
G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343 |
InGaAs PIN photodiode with preamp Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 160V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 30x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 200V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 200V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk Optoelectronic 光电 InGaAs PIN photodiode with preamp 铟镓砷PIN光电二极管和前置放大
|
HAMAMATSU[Hamamatsu Corporation] NXP Semiconductors N.V. Hamamatsu Photonics K.K.
|
MH32S72APHB-7 MH32S72APHB-8 MH32S72APHB-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:6900uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:100VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:78uF RoHS Compliant: Yes 2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
|
Mitsubishi Electric Corporation
|
KA-3528SRC KA-3528SGC KA-3528EC KA-3528IT KA-3528Y |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 250V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 120uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 200V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 250V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 200V; Case Size: 30x25 mm; Packaging: Bulk 3.5 x 2.8mm SURFACE MOUNT LED LAMPS
|
Kingbright Corporation. ETC
|
STK3152III |
Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:220uF RoHS Compliant: No 2通道电压放大器为800瓦功率放大器(双电源 2-Channel Voltage Amplifier for 80 to 90W power Amplifier (Dual Supplies)
|
ETC Sanyo Semicon Device List of Unclassifed Manufacturers
|
UUL1C470MCL1GS |
Aluminum Electrolytic SMT Long Life Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
UWT1C470MCL1GB |
Aluminum Electrolytic SMT Wide Temp Range Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
|