PART |
Description |
Maker |
GS841Z18AGT-166 GS841Z18AT-180 GS841Z18AT-180I GS8 |
4Mb Pipelined and Flow Through Synchronous NBT SRAMs
|
GSI[GSI Technology]
|
GS882Z18AB-250 GS882Z18AB-133 GS882Z18AD-133 GS882 |
250MHz 5.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 133MHz 8.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 166MHz 7ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5s 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
M372V0405DT0-CFASTPAGEMODE |
4MB x 72 DRAM DIMM with ECC Using 4MB x 16 & 4MB x 4, 4KB Refresh, 3.3V Data Sheet
|
Samsung Electronic
|
GS882ZV18BB-200 GS882ZV36BB-200 GS882ZV18BB-300 GS |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 4.5 ns, PBGA119 9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 5 ns, PBGA119 9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 5 ns, PBGA165 9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 6.5 ns, PBGA119
|
GSI Technology, Inc. http://
|
IDT709079L15PF IDT709079S15PF8 IDT709089S9PF IDT70 |
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 64K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through 32K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through
|
Integrated Device Technology, Inc. IDT
|
IS64LPS12836EC-200TQA3 IS64VPS12836EC-200TQA3 IS64 |
128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
|
Integrated Silicon Solu...
|
GS8162Z18BB-150 GS8162Z18BGB-200 GS8162Z36BGD-250I |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 5.5 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 7.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS8161Z36BD-150 GS8161Z18BD-200 GS8161Z36BD-200 GS |
18Mb Pipelined and Flow Through Synchronous NBT SRAM
|
http://
|
GS8322Z18E-150IT GS8322Z36B-150IT GS8322Z36E-150IT |
36Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI Technology
|
GS880ZV18BT-300 GS880ZV36BT-250 GS880ZV36BT-333 GS |
9Mb Pipelined and Flow Through Synchronous NBT SRAM
|
http://
|
GS880Z18BGT-300 GS880Z18BT-333 GS880Z18BT-333I GS8 |
9Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology]
|