PART |
Description |
Maker |
K7N321831C K7N323631C-QI160 K7N323631C-EC160 K7N32 |
1Mx36 & 2Mx18 Pipelined NtRAM 1M X 36 ZBT SRAM, 3.5 ns, PQFP100 1M X 36 ZBT SRAM, 3.5 ns, PBGA165 1M X 36 ZBT SRAM, 2.6 ns, PQFP100
|
Samsung semiconductor
|
IDT71V2558SA133BG IDT71V2558SA133BGI IDT71V2558SA1 |
3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 3.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 SPLICE,TERM,BUTT,INSUL,UNION,16-22AWG
|
IDT Integrated Device Technology, Inc.
|
IDT71V2548S133PF IDT71V2548S133BGI IDT71V2548SA133 |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PQFP100 25V N-Channel PowerTrench MOSFET; Package: TO-251(IPAK); No of Pins: 3; Container: Rail 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的36256 × 18 3.3同步ZBT SRAM2.5VI / O的脉冲计数器输出流水 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O
|
Integrated Device Technology, Inc. IDT
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
IS61NP25618-100B IS61NP25618-100B2 IS61NP25618-100 |
256K X 18 ZBT SRAM, 5 ns, PBGA119 PLASTIC, BGA-119 256K X 18 ZBT SRAM, 5 ns, PQFP100
|
MERITEK Electronics, Corp. Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IDT71T75602 IDT71T75802S100PFI8 IDT71T75802S100PF8 |
2.5V 1M X 18 ZBT Synchronous 2.5V I/O PipeLine SRAM *NEW* 2.5V 512K X 36 ZBT Synchronous 2.5V I/O Pipeline SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
|
IDT
|
CY7C1470V25 CY7C1470V25-167ACES CY7C1470V25-167AXC |
72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL?/a> Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL(TM) Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PQFP100 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 1M X 72 ZBT SRAM, 3 ns, PBGA209 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
GS8324Z72C-200 GS8324Z18B GS8324Z18C-200I GS8324Z7 |
2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 1M X 36 ZBT SRAM, 10 ns, PBGA209 2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 512K X 72 ZBT SRAM, 7.5 ns, PBGA209 2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 2M X 18 ZBT SRAM, 6 ns, PBGA119 2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 1M X 36 ZBT SRAM, 8.5 ns, PBGA209 512K X 72 ZBT SRAM, 6 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs 512K X 72 ZBT SRAM, 10 ns, PBGA209
|
GSI Technology, Inc.
|
AS7C332MNTF18A.V1.2 AS7C332MNTF18A-85TQIN AS7C332M |
3.3V 2M x 18 Flowthrough SRAM with NTD 2M X 18 ZBT SRAM, 10 ns, PQFP100 3.3V 2M x 18 Flowthrough SRAM with NTD 2M X 18 ZBT SRAM, 7.5 ns, PQFP100 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1355B-117BGI CY7C1355B-117BZC CY7C1355B-117BGC |
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 9 - MB的(256 × 36/512K × 18)流体系结构,通过与总线延迟静态存储器 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 6.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS8161Z18BT-150I GS8161Z18BGT-150 GS8161Z32BD-150 |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PQFP100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 32 ZBT SRAM, 7.5 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PBGA165
|
GSI Technology, Inc.
|
CY7C1475V33-133BGXI CY7C1475V33-133BGI CY7C1475V33 |
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 8.5 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 6.5 ns, PQFP100 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构B>72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM) 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL?/a> Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL垄芒 Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
|