PART |
Description |
Maker |
GS8161Z32D-200I GS8161Z32D-166I GS8161Z32D-133I GS |
6.5ns 200MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 7ns 166MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 6ns 225MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 7.5ns 150MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 7ns 166MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 6.5ns 200MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 225MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 150MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 7.5ns 150MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 6ns 225MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 6.5ns 200MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
GS8160Z36T-250I GS8160Z18T GS8160Z18T-133 GS8160Z1 |
18Mb Burst SRAMs 18Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology]
|
GS8162Z18BB-200IV GS8162Z18BB-150IV GS8162Z18BGB-2 |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 5.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 5.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 6.5 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 6.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
GSI Technology, Inc.
|
GS8162Z18BB-150 GS8162Z18BGB-200 GS8162Z36BGD-250I |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 5.5 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 7.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS8161Z36BD-150 GS8161Z18BD-200 GS8161Z36BD-200 GS |
18Mb Pipelined and Flow Through Synchronous NBT SRAM
|
http://
|
GS8162Z18BB-150IV GS8162Z18BB-150V GS8162Z18BB-200 |
18Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology]
|
IS61LF102418A-6.5B2 IS61LF102418A-6.5B2I IS61LF102 |
256K X 72, 512K X 36, 1024K X 18 18MB SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
GS8160Z36T-133I |
8.5ns 133MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
IS61LF51236A-6.5B2I-TR IS61VF102418A-6.5TQI |
256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 1M X 18 CACHE SRAM, 6.5 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc.
|
IDT71V3559S85BG IDT71V3559S75BG IDT71V3559S75BG8 I |
3.3V 256K x 18 ZBT Synchronous Flow-Through SRAM w/3.3V I/O 128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
|
IDT Integrated Device Technology
|
IDT71V2559S75BG IDT71V2559S75BG8 IDT71V2559S75BQ I |
3.3V 256K x 18 ZBT Synchronous Flow-Through SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous Flow-Through SRAM with 2.5V I/O
|
IDT
|