PART |
Description |
Maker |
MAX543 MAX543ACPA MAX543ACSA MAX543ACWE MAX543AEJA |
CMOS, 12-Bit, Seral-Input Multiplying DAC SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO16 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP8 CMOS, 12-Bit, Seral-Input Multiplying DAC SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP8 DIODE, SM, TRANS SUP, 17VWM, 600W, 5%, UNI-DIRECT, DO-214AA Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-24 RoHS Compliant: No From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5581AEUP MAX5732BUTN MAX5732AUTN MAX5874EGKTD M |
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDSO20 32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, QCC56 14-Bit, 200Msps, High-Dynamic-Performance, Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 0.014 us SETTLING TIME, 14-BIT DAC, QCC68 Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 10-BIT DAC, PDSO24 12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 12-BIT DAC, QCC68 3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs PARALLEL, WORD INPUT LOADING, 0.011 us SETTLING TIME, 14-BIT DAC, QCC68
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC2704CGW-14TR LTC2704CGW-12TR LTC2704CGW-16 LTC2 |
Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO44 Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO44 Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: -40°C to 85°C QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO44
|
Linear Technology, Corp.
|
MAX537BC/D MAX536BC/D MAX536-MAX537 MAX537AEPE |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface QUAD, SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP16 Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 校准型、四路2位、电压输出DAC,串行接 Calibrated / Quad / 12-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products, Inc.
|
AD5644RBRMZ-5REEL7 AD5624RBRMZ-5REEL7 AD5664RBRMZ- |
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 14-BIT DAC, PDSO10 Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDSO10 Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO10
|
Analog Devices, Inc.
|
AD7395AR AD7395AN AD7394AR |
3 V, Dual, Serial Input 12-/10-Bit DACs SERIAL INPUT LOADING, 70 us SETTLING TIME, 10-BIT DAC, PDSO14 3 V, Dual, Serial Input 12-/10-Bit DACs SERIAL INPUT LOADING, 70 us SETTLING TIME, 10-BIT DAC, PDIP14 3 V/ Dual/ Serial Input 12-/10-Bit DACs
|
Analog Devices, Inc.
|
AD5327ARU-REEL7 AD5307ARU AD5307BRUZ-REEL AD5307BR |
2.5 V to 5.5 V, 400 µA, Quad Rail-To-Rail Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 µA, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 muA, Quad Voltage Output 2.5 V to 5.5 V, 400 μA, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP 2.5 V to 5.5 V, 400 muA, Quad Voltage Output
|
Analog Devices, Inc.
|
AD7809 AD7809BST AD7808 AD7808BN AD7808BR AD7805 A |
3.3 V to 5 V Octal 10-Bit Serial Loading DAC 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad 10-Bit Serial Loading DAC 3.3 V to 5 V Octal 10-Bit Parallel Loading DAC
|
AD[Analog Devices]
|
AD9114BCPZRL7 AD9116BCPZRL7 |
SERIAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, QCC40 SERIAL, PARALLEL, WORD INPUT LOADING, 12-BIT DAC, QCC40
|
ANALOG DEVICES INC
|
LTC2604IGNTR LTC2604IGN-1 |
Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
DAC8512FS DAC8512FP DAC8512EP DAC8512FSZ DAC8512FP |
5 V, Serial Input Complete 12-Bit DAC % V/ Serial Input Complete 12-Bit DAC % V, Serial Input Complete 12-Bit DAC 5V, Serial Input Complete 12-Bit DAC SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDSO8 5V, Serial Input Complete 12-Bit DAC SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP8
|
Analog Devices, Inc.
|
MAX5109EEE-T |
Nonvolatile, Dual, 8-Bit DACs with 2-Wire Serial Interface SERIAL INPUT LOADING, 8 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
|