PART |
Description |
Maker |
SLM-20T |
1700-2000 MHz High Linearity
|
sirenza.com SIRENZA[SIRENZA MICRODEVICES]
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
MAAV-007090-000100 MAAV-007090-0001TB MAAV-007090- |
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|
MAPDCC0014 MAPDCC0014-TB MAPDCC0014-TR |
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
|
M/A-COM Technology Solutions, Inc.
|
AT10-0017-TB AT10-0017 AT10-0017TR |
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
|
M/A-COM Technology Solutions, Inc.
|
SM1720-41L |
1700-2000 MHz 12 Watt Linear Power Amplifier
|
Stealth Microwave, Inc.
|
MAMXES0008TR MAMXES0008 |
E-Series Surface Mount Mixer 1700-2000 MHz
|
MACOM[Tyco Electronics]
|
DS54-0006-TR DS54-0006 |
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz 四通SMT功率分配合路1700年至2000年兆
|
Maxim Integrated Products, Inc. MACOM[Tyco Electronics]
|
MACPCC0001-TB MACPCC0001-TR |
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
|
M/A-COM Technology Solutions, Inc.
|
T0781 |
1700 - 2000 MHz High Linearity SiGe Active Receiver Mixer
|
Atmel Corporation
|
SRM-2016 |
1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
|
Stanford Microdevices
|