PART |
Description |
Maker |
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
SA1-HF-W SA2-HF SA4-HF SA4-W |
1 A, 50 V, SILICON, SIGNAL DIODE 1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE
|
RECTRON LTD
|
CMOD6001BK |
0.25 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
FDLL914BS62Z FDLL914L99Z |
0.2 A, 100 V, SILICON, SIGNAL DIODE
|
FAIRCHILD SEMICONDUCTOR CORP
|
CLLR1U-01 CLLR1U-01TR |
1 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
CMDD4448TR |
0.25 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
1A2-AP 1A2-TP |
1 A, 100 V, SILICON, SIGNAL DIODE
|
MICRO COMMERCIAL COMPONENTS
|
BCX79-IX BCX79-VII BCX79-VIII BCX79-X Q62702-C718 |
From old datasheet system PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 RES,SMC,681,0HM,1/4W/1%,1 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 自动对焦进步党硅晶体管(高电流增益低集电极发射极饱和电压
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
|