PART |
Description |
Maker |
SBE818 |
30V, 2.0A Rectifi er
|
Sanyo Semicon Device
|
CD214A-B240LLF |
Schottky Barrier Rectifi er Chip Diode
|
Bourns Electronic Solut...
|
CMR1U-02FLSERIES |
1.0A, 200V, 400V and 600V Ultra Fast Recovery Rectifi ers in the SMBFL package
|
Central Semiconductor Corp
|
CMSH3-20MA CMSH3-60MATR13 CMSH3-100MATR13 |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS 3 A, 20 V, SILICON, RECTIFIER DIODE 3 A, 60 V, SILICON, RECTIFIER DIODE 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
SBR10100CTB SBR10100CTB-13 SBR10100CTB-G SBR10100C |
RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir D2PAK 50/TUBE 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-263AB 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-263AB ROHS COMPLIANT, PLASTIC, TO-263, D2PAK-3 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-263AB GREEN, PLASTIC, TO-263, D2PAK-3
|
Diodes, Inc. DIODES INC
|
CRSH1-4 CRSH1-10 CRSH1-6 CRSH1-8 CRSH1-2 CRSH1-5 |
SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
130HF20PBF 100HF60PBF 100HFR100 100HFR100FPBF R18S |
130 A, 200 V, SILICON, RECTIFIER DIODE, DO-205AC 100 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AC 100 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AC 190 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AA
|
|
M5060TB400 M5060SB1600 M5060THA1200 M50100CC600 M5 |
3 PHASE, 60 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE ROHS COMPLIANT PACKAGE-5 Power Module 60 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE 60 A, 1200 V, SILICON, RECTIFIER DIODE ROHS COMPLIANT PACKAGE-4 100 A, 600 V, SILICON, RECTIFIER DIODE ROHS COMPLIANT PACKAGE-4 3 PHASE, 100 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE 100 A, 1200 V, SILICON, RECTIFIER DIODE 60 A, 400 V, SILICON, RECTIFIER DIODE 100 A, 400 V, SILICON, RECTIFIER DIODE 60 A, 1600 V, SILICON, RECTIFIER DIODE
|
Crydom, Inc. CRYDOM CORP
|
MJD42C ON2003 MJD74C MJD41C-1 MJD41CT4 MJD41C |
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS From old datasheet system DPAK For Surface Mount Applications SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS 20 WATTS
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semi Motorola, Inc.
|
SDR620CAM SDR620CAZ SDR620DZ |
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid State Devices, Inc.
|
|