PART |
Description |
Maker |
AD7631 |
(AD7631 / AD7634) 18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
|
Analog Devices
|
AD7610 AD7610BSTZ-RL AD7610BCPZ1 |
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC 16位,250 kSPS的,单极/双极可编程输入PulSAR系列ADC
|
Analog Devices, Inc.
|
AD7663ACP AD7679 AD7650 AD7671 AD7663ASTRL AD7660 |
4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, QCC48 16-Bit, 250 kSPS CMOS ADC 16-Bit, 250 kSPS CMOS ADC
|
ANALOG DEVICES INC
|
3404.2411.22 3404.2422.11 |
Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
|
Schurter Inc.
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
AD7911 AD7911ARM AD7911ARM-REEL AD7911AUJ-R2 AD791 |
2-Channel, 2.35 V to 5.25 V, 250 kSPS, 12-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
|
AD[Analog Devices]
|
AD5662 AD5662ARJ-1 AD5662ARJ-2 AD5662ARM AD5662BRJ |
2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23 2.7-5.5V, 16-Bit nanoDAC™ Converter in a Sot-23 2.7 V to 5.5 V, 250 ??A, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23 2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
|
AD[Analog Devices]
|
AD7911AUJZ-R2 AD7921AUJZ-R2 AD7921AUJZ-REEL7 AD792 |
2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
|
ANALOG DEVICES INC
|
AD9480-LVDS-PCB3 AD9480BSUZ-2501 AD9480ASUZ-2501 A |
8-Bit, 250 MSPS, 3.3 V A/D Converter 8-Bit, 250 MSPS 3.3 V A/D Converter
|
Analog Devices
|
AD7694ARMZRL7 AD7694BRMZRL7 |
16-Bit, 250 kSPS PulSAR ADC in MSOP
|
Analog Devices
|
|