PART |
Description |
Maker |
AD5662ARJ-1REEL7 AD5662ARJ-1500RL7 AD5662ARJ-2REEL |
16-Bit nanoDAC in a SOT-23 SERIAL INPUT LOADING, 8 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit nanoDAC in a SOT-23
|
Analog Devices ANALOG DEVICES INC
|
AD5643RBRMZ-3 AD5643RBRMZ-3REEL7 AD5623RBRMZ-3 AD5 |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
|
AD[Analog Devices]
|
AD5697R |
Dual, 12-Bit nanoDAC with 2 ppm/°C Reference, I2C Interface
|
Analog Devices
|
AN8049SH |
Dual 14-Bit nanoDAC® with 5 ppm/°C On-Chip Reference; Package: MSOP; No of Pins: 10; Temperature Range: Automotive SPECIALTY ANALOG CIRCUIT, PDSO24
|
Panasonic, Corp.
|
AD5061 |
16-Bit Vout nanoDAC Converter
|
Analog Devices
|
AD5061BRJZ-2500RL7 |
3 V/5 V 16-Bit Vout nanoDAC™ Converter Output Buffered in a Sot 23
|
Analog Devices
|
AD5696R AD5695R |
Quad, 16-Bit nanoDAC with 2 ppm/°C On-Chip Reference and I2C Interface Quad, 14-Bit nanoDAC with 2 ppm/°C On-Chip Reference and I2C Interface
|
Analog Devices
|
EVAL-AD5620EB-U1 EVAL-AD5640EB-U1 |
3 V/5 V, 12-Bit nanoDAC™ Converter with 10 ppm/°C Max On-Chip Reference in Sot-23 3 V/5 V, 14-Bit nanoDAC™ Converter with 10 ppm/°C Max On-Chip Reference in Sot-23
|
Analog Devices
|
AD5621BKSZ-500RL7 AD5621BKSZ-REEL7 AD5601BKS-U1 AD |
2.7 V to 5.5 V, <100 µA, 12-Bit nanoDAC™ D/A Converter, SPI Interface, SC70 Package 2.7 V to 5.5 V, <100 µA, 8-Bit nanoDAC™ D/A Converter, SPI Interface, SC70 Package 2.7 V to 5.5 V, <100 µA, 10-Bit nanoDAC™ D/A Converter, SPI Interface, SC70 Package
|
Analog Devices
|
AD5641AKSZ-REEL AD5641BKSZ-500RL7 AD5641BKSZ-REEL7 |
2.7 V to 5.5 V, <100 µA, 14-Bit nanoDAC™ D/A Converter, SPI Interface, SC70 Package
|
Analog Devices
|