PART |
Description |
Maker |
BTA212X-800B BTA212X-800C BTA212X-800F BTA212X BTA |
Shielded Multiconductor Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:40; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Three quadrant triacs high commutation Three quadrant triacs guaranteed commutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
11DF2 |
FRD LOW FORWARD VOLTAGE DROP Cable/Wire, Multiconductor Cable, Audio, Wire and Cable, 2 Conductors, 22AWG, PVC Insulation, Chrome, 60 C, 300 V RoHS Compliant: Yes
|
Nihon Inter Electronics... NIEC[Nihon Inter Electronics Corporation]
|
ST62E25 ST62T25B6/HWD ST62T10M6/SWD ST62T15M6/HWD |
(ST62T10 - ST62E25) 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER INTELLIGENT CHARACTER DISPLAYS Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:31pF/ft RoHS Compliant: Yes ; Signal Input Type:Digital 6-bit interface; Display Technology:LCD COUPLER 3DB 90DEG 1.7-2GHZ SMT ALPHA NUMERIC 1 X 8 LCD DISPLAY WITH LED BACKLIGHT AND WIDE TEMP RANGE Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Capacitance:20pF; Conductor Material:Copper; Jacket Color:Beige RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER 8位检察官办公存储器与阿微控制 D转换 CAP 8.0PF 50V .10 PF NP0(C0G) SMD-0402 TR-7 PLATED-NI/SN 8位检察官办公存储器与阿微控制 D转换 CONNECTOR ACCESSORY 连接器附
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BYT13-600 BYT13-1000 3369 BYT13-800 |
Fast Recovery Rectifier Diodes(快速恢复整流二极管) Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
X9421YSI-2.7 |
Shielded Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 单数控(数字电位器)电位 Single Digitally Controlled (XDCP) Potentiometer 单数控(数字电位器)电位
|
Intersil, Corp.
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
PSD913F1-B-90J PSD913F1-B-90M PSD913G1-B-90J PSD91 |
Flash In-System Programmable ISP Peripherals For 8-bit MCUs Shielded Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 Flash In-System Programmable ISP Peripherals For 8-bit MCUs Flash在系统可编程ISP的外设的8位微控制 CAP 22UF 15V 10% TANT SOLID MOLDED SMD-7343-31 T&R B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 CAP 1UF 35V 10% TANT SOLID MOLDED SMD-3528-21 BULK C-MIL-PRF-55365 CAP 22UF 15V 10% TANT SOLID SMD-7343-31 BULK B-MIL-PRF-55365/08 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP 0.1UF 50V 10% TANT SOLID MOLDED AXIAL A-CASE BULK MIL-PRF-49137/5 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes CAP 4.7UF 20V 10% TANT SOLID MOLDED AXIAL B-CASE BULK MIL-PRF-49137/5 CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:22; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes
|
http:// STMicroelectronics N.V. 意法半导
|
BYW95A BYW95C BYW95 BYW95B BYW95_1 BYW95A/30 BYW95 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes Fast soft-recovery controlled avalanche rectifiers From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
V180ZA05 V180ZA1 V180ZA10 V180ZA20 V180ZA5 V82ZA12 |
Radial lead metal-oxide varistors, 115V From old datasheet system DB9 FEMALE TO RJ45 10 WIRMODULAR ADAPTER (GRAY) Computers; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DB9 MALE TO RJ45 8 WIRE MODULAR ADAPTER (RED) CRIMP SHELLS, DB9 MALE Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-32 CAP .0033UF 100V METAL POLY Shielded Multiconductor Cable; Number of Conductors:37; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes DIODE ZENER SINGLE 500mW 4.7Vz 20mA-Izt 0.05 5uA-Ir 2 SOD-123 3K/REEL Brilliance Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-21 Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 径向引线金属氧化物压敏电阻的低中压运 Radial lead metal-oxide varistors, 110V Radial lead metal-oxide varistors, 130V Radial lead metal-oxide varistors, 92V Radial lead metal-oxide varistors, 75V Radial lead metal-oxide varistors, 140V
|
http:// HARRIS[Harris Corporation] Harris, Corp. Harris Semiconductor
|
ST62E09LM6_EPROM ST62T08BB6/OTP ST62T10BM6/OTP ST6 |
Variable Resolution Resolver-to-Digital Converters; Package: PLCC; No of Pins: 44; Temperature Range: Industrial 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 Belden Plenum Rated Coax Cable, Wire Size: 2/18 AWG, Type: RG-6/U, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Foil Plus Braid, Jacket: Foam Dielectric and Natural Flamarrest 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 BELDEN SHIELDED RISER MULTI-CONDUCTOR CABLE, WIRE SIZE: 22 AWG, NUMBER OF CONDUCTORS: 2, LENGTH: 500 FEET, CONDUCTOR MATERIAL: BARE COPPER STRANDED, SHIELDING: BELDFOIL, JACKET: PVC 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 Slide Switch; Leaded Process Compatible:Yes; Contact Rating:4A; Mounting Type:PCB Straight Thru Hole; Switch Features:Miniature; Switch Function:DPDT RoHS Compliant: Yes 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 D52 - CONNECTOR ACCESSORY 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 Belden Shielded Riser Multi-Conductor Cable, Wire Size: 22 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 CONNECTOR ACCESSORY 连接器附 Slide Switch; Circuitry:DPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes BOX ABS WATERTIGHT 2.6X2.6X1.6,1 Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Slide Switch; Circuitry:DPST; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes BOX ABS WATERTIGHT 7.1X4.7X3.5,1 Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Approval Categories:UL Listed RoHS Compliant: Yes Slide Switch; Circuitry:SPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes BOX ABS WATERTIGHT 4.7X3.5X2.4,1 BOX ABS WATERTIGHT 4.7X4.7X2.4,1 Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Flush Actuator RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Jacket Color:Red RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes BOX ABS WATERTIGHT 6.3X3.5X3.5,1 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes LED GREEN CLEAR 1206 SMD Slide Switch; Circuitry:SPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes ER 4C 4#8 PIN RECP WALL SLIDE SWITCH, DPDT, TOP BUTTON; Switch function type:DPDT; Current, contact DC max:1A; Height, max:11mm; Width, external:14mm; Depth, external:12.5mm; Current, contact AC:2A; Current, contact AC max:4A; Material, contact:Silver; RoHS Compliant: Yes Slide Switch; Circuitry:SPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Flush Actuator RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:46pF/ft RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Conductor Material:Copper RoHS Compliant: Yes Belden Unshielded Riser Multi-Conductor Cable, Wire Size: 22 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper, Jacket: Gray PVC, Applications: Security systems, intercom/PA systems, sound/audio, power l 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
|
Solid State Devices, Inc. STMicroelectronics N.V. 意法半导
|
HA-4741/883 HA4-4741/883 |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Approval Bodies:NEC; Conductor Material:Copper RoHS Compliant: Yes 四路运算放大 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Jacket Color:Red RoHS Compliant: Yes Op Amp, Quad 3.5MHz, 883 Compliant
|
Intersil, Corp. Intersil Corporation
|