PART |
Description |
Maker |
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
CY7C1218F CY7C1218F-133AC |
32K X 36 CACHE SRAM, 4 ns, PQFP100 1-Mb (32K x36) Pipelined Sync SRAM
|
CYPRESS SEMICONDUCTOR CORP
|
PDM44066S5TQ PDM44066S4.5TQ |
32K X 36 CACHE SRAM, PQFP100
|
|
71V256SA20PZG |
32K X 8 CACHE SRAM, 20 ns, PDSO28
|
INTEGRATED DEVICE TECHNOLOGY INC
|
IS61SF632A-9PQ IS61SF632A-10PQ |
32K X 32 CACHE SRAM, 9 ns, PQFP100 32K X 32 CACHE SRAM, 10 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
PDM44056S4.5TQ PDM44056S5TQI |
32K X 36 CACHE SRAM, PQFP100
|
|
PDM44528S14J |
32K X 18 CACHE SRAM, PQCC52
|
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
SM332T8AON5XZ70 SM332Q4AON5XZ70 SM332E8AON5XZ70 SM |
32K X 32 CACHE SRAM MODULE, XMA160 ZIP-160 256K X 32 CACHE SRAM MODULE, XMA160 ZIP-160 128K X 32 CACHE SRAM MODULE, XMA160 ZIP-160
|
Xiamen Hongfa Electroacoustic Co., Ltd.
|
CY7C1218H-166AXI CY7C1218H-166AXC |
32K X 36 CACHE SRAM, 3.5 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, LEAD FREE, MS-026, TQFP-100
|
Cypress Semiconductor, Corp.
|
AS7C3513B AS7C3513B_V1.2 AS7C3513B-20TIN AS7C3513B |
SRAM - 3.3V Fast Asynchronous From old datasheet system Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-VQFN -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 32K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3V 32K x 16 CMOS SRAM 32K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3V 32K x 16 CMOS SRAM 32K X 16 STANDARD SRAM, 12 ns, PDSO44 Octal Buffers/Drivers With 3-State Outputs 20-VQFN -40 to 85 32K X 16 STANDARD SRAM, 10 ns, PDSO44 Octal Buffer/Driver With 3-State Outputs 20-SSOP -40 to 85 32K X 16 STANDARD SRAM, 10 ns, PDSO44 3.3V 32K x 16 CMOS SRAM 32K X 16 STANDARD SRAM, 10 ns, PDSO44 Octal Buffer/Driver With 3-State Outputs 20-TVSOP -40 to 85 32K X 16 STANDARD SRAM, 12 ns, PDSO44 Octal Buffer/Driver With 3-State Outputs 20-SO -40 to 85 32K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
|