PART |
Description |
Maker |
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
ZXM64N035L3 |
N-channel MOSFET 35V N-CHANNEL ENHANCEMENT MODE MOSFET 13 A, 35 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
SUB75N08-10 SUP75N08-10 |
N-Channel Enhancement-Mode Trans N-Channel 75-V (D-S), 175C MOSFET N-Channel 75-V (D-S), 175 Degrees Celcious MOSFET N-Channel 75 N通道75
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
IRF9Z34-001PBF IRF9543-003PBF IRF9543-005PBF IRF95 |
18 A, 60 V, 0.14 ohm, P-CHANNEL, Si, POWER, MOSFET 16 A, 80 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 80 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 9.7 A, 60 V, 0.28 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 500 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET 2.1 A, 1000 V, 6.7 ohm, N-CHANNEL, Si, POWER, MOSFET 2.8 A, 800 V, 3.8 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 19 A, 80 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET 7 A, 450 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET 1.7 A, 400 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Vishay Intertechnology, Inc. Intersil, Corp. VISHAY INTERTECHNOLOGY INC
|
ZVN4525G ZVN4525GTA ZVN4525GTC |
PNP 30CM DIFF W/ADJ RoHS Compliant: Yes 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 250V N-CHANNEL ENHANCEMENT MODE MOSFET 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-channel MOSFET
|
Zetex Semiconductor PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
|