PART |
Description |
Maker |
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
AQ3A2-J-ZT4/32VDC AQ10A2-ZT4/32VDC AQ2A2-J-ZP3/28V |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT, DIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT, SIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX ROHS COMPLIANT, DIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX ROHS COMPLIANT, SIL-4
|
Panasonic, Corp. Integrated Device Technology, Inc. STMicroelectronics N.V.
|
SN-24D01HZ-CRT SN-12D01-F SN-5A01-FT |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
4A1210F-10 4A1210EH-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
CRYDOMCORP-D53DP50D A53DP50DPH |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
CKRD4810R |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
D53TP50C D53TP25C-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
G3PB-545B-2N-VD |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Citizen Finetech Miyota
|
HS072-D2490 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
NTD2425-10 NTD2425F NTD2425F-10 NTD2410-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|