PART |
Description |
Maker |
CBR50-020P CBR50-100P CBR50-040P CBR50-060P CBR50- |
50 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS Leaded Bridge Rectifier General Purpose
|
CENTRAL[Central Semiconductor Corp]
|
SW02CXC300 SW15CXC300 SW02PCN020 SW34CXC1870 SW50C |
650 A, 200 V, SILICON, RECTIFIER DIODE 650 A, 1500 V, SILICON, RECTIFIER DIODE 30 A, 200 V, SILICON, RECTIFIER DIODE 4100 A, 3400 V, SILICON, RECTIFIER DIODE 1860 A, 5000 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
SR16200C SR1645C SR16200A |
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere 16 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Rectron Semiconductor RECTRON LTD
|
05U4L 05U1L 05U3L 05U2L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere 0.5 A, 200 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor RECTRON LTD
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CS218-35D CS218-35PB CS218-35B CS218-35N CS218-35M |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-218
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SFAF801G10 SFAF805G SFAF804G SFAF803G |
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers 8 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Taiwan Semiconductor Company, Ltd
|
CUD10-04 CUD10-02 CUD10-06 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER SINGLE, 10 AMPS, 200 THRU 600 VOLTS 10 A, 400 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MURP20040CT MURP20020CT MURP20020CT_06 MURP20020CT |
100 A, 300 V, SILICON, RECTIFIER DIODE ULTRAFAST RECTIFIERS 200 AMPERES, 200−400 VOLTS
|
ONSEMI[ON Semiconductor]
|
APT2X31D20J_05 APT2X30D20J APT2X31D20J APT2X31D20J |
Fast Recovery Epitaxial Diode; Package: ISOTOP®; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
SD202N20PCPBF SD202N16PVPBF |
200 A, 2000 V, SILICON, RECTIFIER DIODE, DO-205AC 200 A, 1600 V, SILICON, RECTIFIER DIODE, DO-205AC
|
|
|