PART |
Description |
Maker |
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
CY62126V CY62126VLL-55BAC CY62126VLL-70BAI CY62126 |
64K X 16 STANDARD SRAM, 70 ns, PDSO44 64K X 16 STANDARD SRAM, 55 ns, PDSO44 64K X 16 STANDARD SRAM, 70 ns, PBGA48 64K X 16 STANDARD SRAM, 55 ns, PBGA48 From old datasheet system 64K x 16 Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|
IDT71T016SA15BFI IDT71T016SA10PH IDT71T016SA10PHI |
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 10 ns, PDSO44 2.5V CMOS Static RAM 1 Meg (64K x 16-Bit) .5V的CMOS静态RAM 1梅格4K的x 16位) P-Channel NexFET Power MOSFET 6-SON -55 to 150 64K X 16 STANDARD SRAM, 12 ns, PBGA48
|
Integrated Device Technology, Inc.
|
AS7C3364PFD32-36BV.1.1 AS7C3364PFD36B-200TQIN AS7C |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 3 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 4 ns, PQFP100 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GS820E32T-66 GS820E32T-100 GS820E32Q-150 GS820E32Q |
138MHz 9.7ns 64K x 32 2M synchronous burst SRAM 150MHz 9ns 64K x 32 2M synchronous burst SRAM 64K X 32 CACHE SRAM, 11 ns, PQFP100 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K X 32 CACHE SRAM, 10 ns, PQFP100 5.6UF/100VDC METAL POLY CAP 200万同步突发静态存储器 2M Synchronous Burst SRAM 200万同步突发静态存储器 Socket Adapter; For Use With:ATMEGA168-TQFP32, ATMEGA48-TQFP32, ATMEGA88-TQFP32, ATMEGA8L-TQFP32, ATMEGA8L(FAST)-TQFP32; Pitch Spacing:.8mm 64K x 32 / 2M Synchronous Burst SRAM 117MHz 11ns 64K x 32 2M synchronous burst SRAM 66MHz 18ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
L7C196CC35 L7C194DME45 |
64K X 4 STANDARD SRAM, 35 ns, CDIP28 64K X 4 STANDARD SRAM, 45 ns, CDIP24
|
LOGIC DEVICES INC
|
AS7C181026LL-55TI AS7C181026LL-55BI AS7C181026LL-3 |
64K X 16 STANDARD SRAM, 55 ns, PDSO44 64K X 16 STANDARD SRAM, 55 ns, PBGA48 64K X 16 STANDARD SRAM, 35 ns, PBGA48
|
ALLIANCE SEMICONDUCTOR CORP
|
CY7C1021B- CY7C1021B-15VC CY7C1021B-15ZC CY7C1021B |
1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1021B-15VXC CY7C1021B-15VXE CY7C1021B-15VXI CY |
1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C187-15PXC CY7C187-25VXC CY7C187-35VXC |
64K x 1 Static RAM 64K X 1 STANDARD SRAM, 35 ns, PDSO24
|
Cypress Semiconductor, Corp.
|
IDT71T016 IDT71T016L200PHI IDT71T016L150PH IDT71T0 |
High-Performance Current-Mode PWM Controller 14-SOIC -40 to 85 16K X 4 STANDARD SRAM, 35 ns, CDIP24 LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT) 128K X 8 STANDARD SRAM, 150 ns, PDSO44 CMOS STATIC RAMs 64K (16K x 4-BIT) Added Chip Select and Output Controls 16K X 4 STANDARD SRAM, 25 ns, CDIP24 SWITCH, FLUSH, 16MM, MOM; Switch function type:Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16mm; Depth, external:29.5mm; Configuration, contact:DPCO; Current, RoHS Compliant: Yes
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|