PART |
Description |
Maker |
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
M95256-RMW3T M95256-RDL1T M95256-VDL3T M95256-RDL5 |
256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ST Microelectronics STMICROELECTRONICS
|
M9512807 M95128-DW3G_A M95128-DW3G_P M95128-DW3P_A |
16K X 8 SPI BUS SERIAL EEPROM, PDSO8 128 Kbit serial SPI bus EEPROM with high speed clock
|
STMicroelectronics
|
CAT150169JWI-GT3 CAT150169LWI-GT3 CAT150161JWI-GT3 |
8K X 1 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 Supervisor with 16 k SPI EEPROM 16K X 1 SPI BUS SERIAL EEPROM, PDSO8 Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
CAT25010LE-GT3 CAT25010LET3 CAT25040 CAT25040LE-GT |
1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM 128 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Catalyst Semiconductor
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
FM25C041 FM25C041U FM25C041UE FM25C041UV FM25C041U |
SERIAL EEPROM|512X8|CMOS|SOP|8PIN|PLASTIC 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
M95128-WMB6P_PC M95128-RMB6P_PC M95128-MB3TG_PC M9 |
128 Kbit serial SPI bus EEPROM with high speed clock
|
STMicroelectronics 意法半导
|
M95160-S M95160-W M95080-S M95160-WDL3 M95160-WDL6 |
2K X 8 SPI BUS SERIAL EEPROM, PDSO14 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMICROELECTRONICS SGS Thomson Microelectronics
|
M95080-MB3 M95080-MB3T M95080-MB6 M95080-MB6T M951 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 2K X 8 SPI BUS SERIAL EEPROM, PDIP8 16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock 16Kbit8Kbit SPI总线串行EEPROM的高速时 16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock 16KbitKbit SPI总线串行EEPROM的高速时
|
STMicroelectronics N.V. 意法半导 ST Microelectronics http://
|