PART |
Description |
Maker |
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMC |
CMOS Triple 3-Input NAND Gate 14-PDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Dual 4-Input OR Gate 14-TSSOP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB CMOS Triple 3-Input NAND Gate 14-CDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SMCJ15 SMCJ16 SMCJ43 SMCJ5.0 SMCJ9.0 SMCJ6.0 SMCJ1 |
1500 Watts Suface Mount Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Co...
|
3PMT15A 3PMT90A 3PMT100A 3PMT10A 3PMT110A 3PMT11A |
POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N6377RL4 MPTE-12RL4 MPTE-12G 1N6374RL4 ONSEMICOND |
1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
LC75 LC40 LC160 LC30 LC33 LC54 LC6.508 LC16 LC150 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Low Capacitance TVS; Package: DO-13; Ppp (W): 1500; Vwm (V): 20; VC (V): 35.8; ID ( uA): 5; Tol (%): 10; 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
JANTX1N5907TR |
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
Microsemi, Corp.
|
1N5557TR 1N5555TR 1N5556TR 1N5558TR JANTXV1N5558TR |
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
R9G23215 R9G22015 R9G22815 R9G22215 R9G21415 R9G23 |
1500 A, 3000 V, SILICON, RECTIFIER DIODE Fast Recovery Rectifier (1500 Amperes Average 3600 Volts) 快速恢复整流器(一五?安培平600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
JAN1N6059 JAN1N6059A JAN1N6060 JAN1N6060A JAN1N603 |
Dual inverting buffer/line driver; 3-state Automotive Catalog Low-Dropout Voltage Regulator 3-DDPAK/TO-263 -40 to 125 Single Output LDO, 150mA, Fixed(12.0V), Low Quiescent Current, 60V Load Dump Protection 8-SOIC 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-PFM 0 to 125 1500瓦特双向瞬态电压抑制器 Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-TO-92 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 750mA, Fixed(5.0V), Low Quiescent Current, 60V LoadDump Protection 3-TO-220 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi, Corp. http:// MICROSEMI[Microsemi Corporation]
|
BYS459B-1500 BYS459-1500 |
6.5 A, 1500 V, SILICON, RECTIFIER DIODE, TO-263AB 6.5 A, 1500 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Vishay Beyschlag
|
1.5FMCJ62A 1.5FMCJ91A 1.5FMCJ68A 1.5FMCJ43A 1.5FMC |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
|
RECTRON LTD Rectron Semiconductor
|
1.5CE100CABK 1.5CE160ATR 1.5CE350CATR 1.5CE300CATR |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
CENTRAL SEMICONDUCTOR CORP
|
|