PART |
Description |
Maker |
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
STPS40150CG-TR STPS40150CW STPS40150CT |
20 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 20 A, 150 V, SILICON, RECTIFIER DIODE, TO-247AC
|
ST Microelectronics STMICROELECTRONICS
|
EFM301L EFM302L EFM303L EFM304L EFM305L EFM306L EF |
3 A, 150 V, SILICON, RECTIFIER DIODE 3 A, 600 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere 3 A, 200 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
2N2505 |
Silicon Controlled Rectifier; Package: TO-93; IT (Av) (A): 150; VTM (V): 1.7; VGT (V): 3; IGT (µA): 150; Vrrm (V): 200; 235.5 A, SCR, TO-93
|
Microsemi, Corp.
|
SDR75010 SDR75015 SDR75010U SDR75020 SDR75015US1TX |
ULTRAFAST RECTIFIER 75 A, 150 V, SILICON, RECTIFIER DIODE 75 A, 150 V, SILICON, RECTIFIER DIODE, TO-254AA 75 A, 200 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
1N7066 1N7066S 1N7066SMS 1N7066SMSS 1N7066SMSTX 1N |
10 A, 50 V, SILICON, RECTIFIER DIODE 10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
TDM15002 TDM15004 TDM15008 TDM15012 TDM15014 TDM15 |
150 A, 200 V, SILICON, RECTIFIER DIODE Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-COLORADO
|
150U60D 150U060 150U060D 150U080 150U080D 150U100 |
150 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AA DIODE 150 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AA, HERMETIC SEALED, METAL, DO-8, 1 PIN, Rectifier Diode DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE, DO-205AA, HERMETIC SEALED, METAL, DO-8, 1 PIN, Rectifier Diode 1200V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 1000V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 800V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 600V 150A Std. Recovery Diode in a DO-205AA (DO-8)package
|
Vishay Semiconductors International Rectifier
|
BYQ30E BYQ30E-150 BYQ30E-200 BYQ30EB-150 BYQ30EB-2 |
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors 整流二极管超快。崎 Rectifier diodes ultrafast, rugged 8 A, 150 V, SILICON, RECTIFIER DIODE Rectifier diodes ultrafast, rugged 8 A, 200 V, SILICON, RECTIFIER DIODE SERVSELECT PS/2 30FT CPU CABLE Rectifier diodes ultrafast, rugged(超快速、强化的整流器二极管) Rectifier diodes ultrafast/ rugged
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BD390S BD360S BD345S BD340S BD3100S BD380S BD3150S |
THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS 3 A, 100 V, SILICON, RECTIFIER DIODE, TO-252 3 A, 150 V, SILICON, RECTIFIER DIODE, TO-252 3 A, 40 V, SILICON, RECTIFIER DIODE, TO-252
|
Pan Jit International Inc.
|
SBR30150CTB |
RECTIFIER SBR DUAL 30A 150V 200A-ifsm 920mV-vf 0.1mA-ir D2PAK 50/TUBE 30 A, 150 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Diodes, Inc.
|
|