PART |
Description |
Maker |
05U4L 05U1L 05U3L 05U2L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere 0.5 A, 200 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor RECTRON LTD
|
SBT80-06JS |
60V, 8A Rectifi er
|
Sanyo Semicon Device
|
SBE818 |
30V, 2.0A Rectifi er
|
Sanyo Semicon Device
|
APT30D20SG APT30D20B APT30D20B_05 APT30D20BG APT30 |
30 A, 200 V, SILICON, RECTIFIER DIODE, TO-247 Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Advanced Power Technolo... Microsemi, Corp. ADPOW[Advanced Power Technology]
|
APT50DL60B APT50DL60BG APT50DL60S APT50DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
SFS2326 SFS2328 SFS2329 |
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-5
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
CMIDSH1-3 PB-CMIDSH1-1509 |
CMJ0130_CMJH180 1.0A, 30V Low VF Schottky Rectifi er
|
Central Semiconductor Corp Central Semiconductor C...
|
CPD34X CPD31X |
10A, 60V Schottky Rectifi er Die
|
Central Semiconductor Corp Central Semiconductor C...
|
SM30CXC614 SM30CXC624 SM14CXC170 SM02CXC190 SM02CX |
1160 A, 3000 V, SILICON, RECTIFIER DIODE 1106 A, 3000 V, SILICON, RECTIFIER DIODE 440 A, 1400 V, SILICON, RECTIFIER DIODE 760 A, 200 V, SILICON, RECTIFIER DIODE 440 A, 200 V, SILICON, RECTIFIER DIODE 940 A, 2000 V, SILICON, RECTIFIER DIODE 1610 A, 2600 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
CMF8.0A CMF9.0A CMF7.0A CMF8.5A CMF6.0A CMF7.5A CM |
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N2323 JANTX2N2323 JANTX2N2323A JANTX2N2323AS JANT |
SILICON CONTROLLED RECTIFIER SILICON CONTROLLED RECTIFIER 0.3454 A, 200 V, SCR, TO-5 SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-205AD LED RED DIFFUSED 1.8X3.5MM RECT SCR, TO-39
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|