PART |
Description |
Maker |
1N347 1N256 1N2029 1N2370 1N1342B 1N338 |
1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE 1 A, 2000 V, SILICON, SIGNAL DIODE 6 A, 100 V, SILICON, RECTIFIER DIODE
|
|
BYM05-100 BYM05-600 BYM05-400 |
0.5 A, 100 V, SILICON, SIGNAL DIODE 0.5 A, 600 V, SILICON, SIGNAL DIODE 0.5 A, 400 V, SILICON, SIGNAL DIODE
|
Vishay Intertechnology, Inc. Vishay Beyschlag
|
SK12 SK15 SK14 S110 SK19 SK16 |
1 A, 40 V, SILICON, SIGNAL DIODE, DO-214AA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AA
|
Pan Jit International Inc.
|
BC557 BC556B BC556A BC557B BC556 BC557C BC558 |
PNP Silicon Planar Epitaxial Transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
FM4007C FM4006C FM4001C FM4005C FM4002C |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AB SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
|
RECTRON LTD Rectron Semiconductor
|
BC238ABU BC238ATF BC238TF BC238TAR BC238BU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
CMOD6001BK |
0.25 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
FDLL914BS62Z FDLL914L99Z |
0.2 A, 100 V, SILICON, SIGNAL DIODE
|
FAIRCHILD SEMICONDUCTOR CORP
|
MBRX1100-TP |
1 A, 100 V, SILICON, SIGNAL DIODE
|
MICRO COMMERCIAL COMPONENTS
|
CMPD7000TRLEADFREE |
0.2 A, 100 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
FSSH110 |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AC
|
|
|