PART |
Description |
Maker |
1N347 1N256 1N2029 1N2370 1N1342B 1N338 |
1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE 1 A, 2000 V, SILICON, SIGNAL DIODE 6 A, 100 V, SILICON, RECTIFIER DIODE
|
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
CRSH1-4 CRSH1-10 CRSH1-6 CRSH1-8 CRSH1-2 CRSH1-5 |
SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BC557 BC556B BC556A BC557B BC556 BC557C BC558 |
PNP Silicon Planar Epitaxial Transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
CMOD6001BK |
0.25 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
SF2L-HF-W |
1 A, 100 V, SILICON, SIGNAL DIODE
|
RECTRON LTD
|
TVR2BTPA2 |
0.5 A, 100 V, SILICON, SIGNAL DIODE
|
|
CLLR1U-01 CLLR1U-01TR |
1 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
NRD4002TR-1.5K |
1 A, 100 V, SILICON, SIGNAL DIODE
|
NIC COMPONENTS CORP
|
RL205M12 1N5395M12 1A6-J RL1N4001-N RECTRONLTD-1A1 |
2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 50 V, SILICON, SIGNAL DIODE 2.5 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD
|
CMKD6001LEADFREE |
0.25 A, 100 V, 3 ELEMENT, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
|