PART |
Description |
Maker |
AS5C4008F-35 AS5C4008F-35_H AS5C4008F-35_LH AS5C40 |
512K x 8 SRAM SRAM MEMORY ARRAY 512K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, LCC-32 512K X 8 STANDARD SRAM, 17 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 35 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 12 ns, CDIP32 512K X 8 STANDARD SRAM, 25 ns, CQCC32 512K X 8 STANDARD SRAM, CDSO32 512K X 8 STANDARD SRAM, 15 ns, CDSO32 512K X 8 STANDARD SRAM, 12 ns, CDFP32
|
Austin Semiconductor, Inc Micross Components AUSTIN SEMICONDUCTOR INC
|
AS7C4096 AS7C34096-15JC AS7C34096-10JC AS7C34096-1 |
5V/3.3V 512K X8 CMOS SRAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SOIC -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO36 TV 12C 8#20 4#16 SKT PLUG 512K X 8 STANDARD SRAM, 10 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TV 26C 26#20 PIN WALL RECP 512K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 5C 5#16 PIN WALL RECP SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CXK584000YM-55LL CXK584000P-10L CXK584000TM-55LL |
512K X 8 STANDARD SRAM, 55 ns, PDSO32 0.400 INCH, PLASTIC, TSOP2-32 512K X 8 STANDARD SRAM, 100 ns, PDIP32
|
Cypress Semiconductor, Corp.
|
AS7C33512FT32_36A AS7C33512FT32_36A.V1.4 AS7C33512 |
3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 39Vz 6.5mA-Izt 0.05 5uA-Ir 29.7Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 27Vz 9.5mA-Izt 0.05 5uA-Ir 20.6Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71V424L IDT71V424S10PH IDT71V424S10PHG IDT71V42 |
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT) 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TRANS NPN W/RES 60 HFE NS-B1 512K X 8 STANDARD SRAM, 10 ns, PDSO36 TRANS NPN W/RES 80 HFE NS-B1 3.3V 512K x 8 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AT60142FT-DC17M-E AT60142FT-DC17SSB AT60142FT-DD17 |
Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 17 ns, UUC Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 17 ns, DFP36
|
Atmel Corp. Atmel, Corp.
|
CY7C1383C-117BGC CY7C1383C-100AC CY7C1383C-100BZI |
18-Mb (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 STANDARD SRAM, 8.5 ns, PQFP100 18-Mb (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 STANDARD SRAM, 8.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
32C408BRPFI-30 32C408BRPFS-30 32C408BRPFS-25 32C40 |
4 Megabit (512K x 8-Bit) SRAM 512K X 8 STANDARD SRAM, 30 ns, DFP36
|
Maxwell Technologies, Inc
|
CY7C1049BNV33-12VIT CY7C1049BNV33-12VXCT CY7C1049B |
512K X 8 STANDARD SRAM, 12 ns, PDSO36 0.400 INCH, SOJ-36 512K X 8 STANDARD SRAM, 12 ns, PDSO36 0.400 INCH, LEAD FREE, SOJ-36 512K X 8 STANDARD SRAM, 12 ns, PDSO44 TSOP2-44 512K X 8 STANDARD SRAM, 15 ns, PDSO36 0.400 INCH, SOJ-36 512K X 8 STANDARD SRAM, 15 ns, PDSO36 0.400 INCH, LEAD FREE, SOJ-36 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TSOP2-44
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AS7C3512K18P-4TQC AS7C3512K18P-4BC AS7C3512K18P-3. |
512K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 512K X 18 STANDARD SRAM, 4 ns, PBGA119 CSP, FBGA-119 512K X 18 STANDARD SRAM, 3.5 ns, PQFP100 14 X 20 MM, TQFP-100 512K X 18 STANDARD SRAM, 3.8 ns, PQFP100 14 X 20 MM, TQFP-100 512K X 18 STANDARD SRAM, 3.5 ns, PBGA119 CSP, FBGA-119 512K X 18 STANDARD SRAM, 5 ns, PBGA119 CSP, FBGA-119
|
Alliance Semiconductor, Corp.
|
|