PART |
Description |
Maker |
SI2303ADS-T1 SI2303ADS-T1-E3 |
1300 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 TO-236, 3 PIN 1300 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 LEAD FREE PACKAGE-3
|
Vishay Intertechnology, Inc.
|
2SA1815-5-TB 2SC4412-4-TB 2SA1256-TB |
Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 50 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 30 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
SANYO SEMICONDUCTOR CO LTD
|
TP0610K-E3 |
185 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 TO-236, 3 PIN
|
Vishay Intertechnology, Inc.
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N7002KL-TR1 BS170KL-TR1-E3 |
TRANSISTOR 470 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92, ROHS COMPLIANT, TO-18, 3 PIN, FET General Purpose Small Signal
|
Vishay社区 Vishay Siliconix
|
VP0610T-E3 |
120 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 LEAD FREE PACKAGE-3
|
Vishay Intertechnology, Inc.
|
BCW67BCW68 BCW68F Q62702-C1555 Q62702-C1893 BCW68 |
PNP Silicon AF Transistors (For general AF applications High current gain) 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 PNP Silicon AF Transistors (For general AF applications High current gain) 800 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
Siemens Semiconductor G... SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
2SK3018 A5800519 |
Transistors > MOS FET > Small Signal MOS FET From old datasheet system Small switching (30V, 0.1A)
|
Rohm
|
BAS16 |
Surface Mount Silicon Planar Small-Signal Diode 0.2 A, 85 V, SILICON, SIGNAL DIODE, TO-236
|
Diotec Semiconductor AG
|
SMPJ176 SMPJ177 |
P-CHANNEL, Si, SMALL SIGNAL, JFET, TO-236 P-Channel silicon junction field-effect transistor
|
InterFET Corporation
|
2SD1030 |
Silicon NPN epitaxial planer type(For low-frequency amplification) 50 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
|