PART |
Description |
Maker |
2040.0613 2040.0614 |
Subminiature PCB Fuse; Long or short terminals; available Taped and reeled; Telecommunications use; Voltage Rating: 250V; Current Rating: 0.63A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.63A, 250VAC, 35A (IR), THROUGH HOLE Subminiature PCB Fuse; Long or short terminals; available Taped and reeled; Telecommunications use; Voltage Rating: 250V; Current Rating: 0.8A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.8A, 250VAC, 35A (IR), THROUGH HOLE
|
SCHURTER AG
|
2030.0014 2030.0026 |
Subminiature PCB Fuse; Solderable or plugable into fuse holder; copper Tin plated terminals; Voltage Rating: 125V; Current Rating: 0.315A; Characteristic: Time Lag VERY FAST BLOW ELECTRIC FUSE, 0.315A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE Subminiature PCB Fuse; Solderable or plugable into fuse holder; copper Tin plated terminals; Voltage Rating: 125V; Current Rating: 3.15A; Characteristic: Time Lag VERY FAST BLOW ELECTRIC FUSE, 3.15A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
SCHURTER AG
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
ASMT-BX20 ASMT-BG20-NS000 ASMT-BG20-AS000 ASMT-BR2 |
PCB Based Subminiature Lamps (PCB PolyLED)
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
L60030M-3SQ L60030C-1C L60030C-1PQ L60030C-1SQ L60 |
Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
20400609 2040.0816 2040.0817 2040.0820 2040.0814 2 |
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
|
Schurter Inc.
|
48202-6142 |
D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15Circuits,#4-40 Flush Insert, 0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.60mm (.063), Lead Free
|
Molex Electronics Ltd.
|
PFMD.150.2 PFMD.014.2 PFMD.020.2 PFMD.030.2 PFMD.0 |
Subminiature PCB PTC-fuses; for electronic devices; Voltage Rating: 6V; Current Rating: 1.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT Surface Mount PTC-Fuses
|
SCHURTER AG Schurter Inc.
|
PFRA.017 PFRA.020 PFRA.025 PFRA.030 PFRA.050 PFRA. |
Radial Leaded Fuse, PTC, 60 VDC Miniature PCB PTC-fuses; for electronic devices; Voltage Rating: 60V; Current Rating: 0.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Schurter Inc. SCHURTER AG
|
PC322-17 |
Subminiature PCB Signal Relay
|
Picker Components
|
PC322-14 |
Subminiature PCB Telecom Relay
|
Picker Components
|
HG4230048-Z3SL HG4230048-Z3CL HG4230048-Z3AL HG423 |
Subminiature PCB Power Relay
|
DB Lectro Inc.
|