PART |
Description |
Maker |
74LVQ541TTR 74LVQ541 74LVQ541MTR |
LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NO INVERTED) OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74LCX541MTR 74LCX541TTR 74LCX541 74LCX541M |
OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MC74VHC244-D MC74VHC244DT MC74VHC244DTR2 MC74VHC24 |
Octal Bus Buffer Octal 3-State Driver
|
ON Semiconductor
|
74VHC240 74VHC240M 74VHC240T 6171 |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED) From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TC74LCX540F TC74LCX540FT TC74LCX540FW E005007 |
From old datasheet system LOW VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE OCTAL BUS BUFFER (INVERTER) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
TC74VHCT240AF TC74VHCT240AFT TC74VHCT240AFW TC74VH |
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS 八路总线缓冲器倒立/非倒排,三态输 OCTAL BUS BUFFER INVERTED/NON-INVERTED/ 3-STATE OUTPUTS
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
M74HCT126M1R M74HCT126B1R M74HCT126 M74HCT126RM13T |
OCTAL BUS BUFFER (3-STATE) QUAD BUS BUFFER (3-STATE)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MC74VHC244DWR2G MC74VHC244DTG MC74VHC244DTR2G |
Octal Bus Buffer
|
ON Semiconductor
|
MC74VHC541DTG MC74VHC541DTR2 MC74VHC541DTR2G MC74V |
Octal Bus Buffer
|
ONSEMI[ON Semiconductor]
|
TC74VHCT540AF07 TC74VHCT541AFK TC74VHCT540AFK |
Octal Bus Buffer
|
Toshiba Semiconductor
|
TC74VHC541FK TC74VHC540F07 TC74VHC540FK |
Octal Bus Buffer
|
Toshiba Semiconductor
|