PART |
Description |
Maker |
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
ZVN4206AV |
N-channel MOSFET N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET MOSFET N-CH 60V 600MA TO-92 600 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
ZXMC3A18DN8 ZXMC3A18DN8TA ZXMC3A18DN8TC |
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET 7.6 A, 30 V, 0.025 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N & P-channel MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
FDB2572 FDP2572 FDB2572NL |
N-Channel PowerTrench MOSFET 150V, 29A, 54mз 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 150V N-Channel UltraFET Trench MOSFET 29A, 0.056 Ohms @ VGS = 10V, TO-263/D2PAK Package 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 150V/ 29A/ 54m N-Channel PowerTrench MOSFET 150V, 29A, 54m蟹 N-Channel PowerTrench MOSFET 150V, 29A, 54m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SUP75N05-06 SUB75N05-06 |
N-Channel 50-V (D-S), 175C MOSFET N-Channel MOSFET N-Channel 50-V (D-S), 175C MOSFET N-Channel Enhancement-Mode Trans
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
FDMS7650 |
30V N-Channel PowerTrench® MOSFET; 8-Power 56 (PQFN) 36 A, 30 V, 0.99 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench? MOSFET 30 V, 60 A, 0.99 mΩ N-Channel PowerTrench垄莽 MOSFET 30 V, 60 A, 0.99 m楼?
|
Fairchild Semiconductor, Corp.
|
ZXM64P035G ZXM64P035GTA ZXM64P035GTC |
P-channel MOSFET 35V P-CHANNEL ENHANCEMENT MODE MOSFET 3800 mA, 35 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
IRFP040 IRF9622 IRF9612 IRFP362 IRFP343 |
TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 8.4A I(D) | TO-247AC TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 1.5A I(D) | TO-220AB 晶体管| MOSFET的| P通道| 200伏五(巴西)直| 1.5AI(四)| TO - 220AB现有 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 20A I(D) | TO-247 TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 900MA I(D) | TO-220AB TRANSISTOR|MOSFET|P-CHANNEL|200VV(BR)DSS|1.5AI(D)|TO-220AB
TRANSISTOR|MOSFET|N-CHANNEL|50VV(BR)DSS|40AI(D)|TO-247AC
|
International Rectifier, Corp.
|
FDS2582 |
Discrete Commercial N-Channel UltraFET TRENCH MOSFET, 150V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package 12 AMP MINIATURE POWER RELAY N-Channel PowerTrench MOSFET 150V/ 4.1A/ 66m N-Channel PowerTrench MOSFET 150V, 4.1A, 66mз N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?/a>
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
|