PART |
Description |
Maker |
CMSH3-100MHVSERIES |
3.0A, 100V thru 200V Schottky Rectifiers in the SMB package
|
Central Semiconductor Corp
|
10BQ060TR |
60V 1A Schottky Discrete Diode in a SMB package
|
International Rectifier
|
MBRS3201T3 |
Schottky Power Rectifier, Surface Mount, Fast Soft-Recovery, 3.0 A, 200 V, SMB Package
|
ON Semiconductor
|
63CNQ100 63CNQ080 63CNQ100SL 63CNQ100SM 63CNQ |
SCHOTTKY RECTIFIER 100V 60A Schottky Common Cathode Diode in a D61-6-SL package 100V 60A Schottky Common Cathode Diode in a D61-6-SM package
|
IRF[International Rectifier]
|
1-1337604-0 |
SMB SURFACE MOUNT STRAIGHT PCB SOCKET 50 OHM SMB; SMB SMT Skt 50Ohm Gold Pltd ( Greenpar )
|
Tyco Electronics
|
11DQ10TR 11DQ09 11DQ09TR 11DQ10 |
SCHOTTKY RECTIFIER 肖特基整流器 90V 1.1A Schottky Discrete Diode in a DO-204AL package 100V 1.1A Schottky Discrete Diode in a DO-204AL package
|
International Rectifier, Corp. IRF[International Rectifier]
|
203CNQ100R 203CNQ080 203CNQ080R 203CNQ100 203CNQ10 |
SCHOTTKY RECTIFIER 100V 200A Schottky Common Anode Diode in a TO-244AB Non-Isolated package 100V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 80V 200A Schottky Common Anode Diode in a TO-244AB Non-Isolated package 80V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 100 A, 100 V, SILICON, RECTIFIER DIODE, TO-244AB
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
P6SMBXXXAT3G P6SMBXXXAT3 P6SMB100AT3 P6SMB10AT3 P6 |
600 W Transient Voltage Suppressors 43 V SMB Unidirectional; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 600 W Transient Voltage Suppressors 150 V SMB Unidirectional; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 600 W Transient Voltage Suppressors 100 V SMB Unidirectional; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 600 Watt Peak Power Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor] http://
|
203DNQ100 203DNQ080 |
100V 200A Schottky DOUBLER Diode in a TO-244AB Non-Isolated package 80V 200A Schottky DOUBLER Diode in a TO-244AB Non-Isolated package From old datasheet system SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
SHD116244B |
A 100V, 15A, POWER SCHOTTKY RECTIFIER IN HERMETIC SHD-1/1B PACKAGE.
|
SENSITRON SEMICONDUCTOR
|