PART |
Description |
Maker |
E9300B E9300A E9300H E9301A E9301B E9301H |
E9300B E-Series Average Power Sensor E9300A E-Series Average Power Sensor E9300H E-Series Average Power Sensor E9301A E-Series Average Power Sensor E9301B E-Series Average Power Sensor E9301H E-Series Average Power Sensor
|
Agilent (Hewlett-Packard)
|
NTE5906 NTE6005 NTE5980 NTE5907 NTE5995 NTE5986 NT |
Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 400V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1600V. Average forward current 40A. Silicon power rectifier diode. Anode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Receptacle With A Wire Wrap Tail Silicon Power Rectifier Diode / 40 Amp Silicon Power Rectifier Diode 40 Amp NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp 40 A, 300 V, SILICON, RECTIFIER DIODE 40 A, 200 V, SILICON, RECTIFIER DIODE
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
4P7006F MA4P7006F |
High Average Power SMQ PIN Diode Search --To MA4P7006F
|
M/A-COM
|
AS2431 AS2431EFST AS2431DB3VSA AS2431AA3VSA AS2431 |
Precision Adjustable Shunt Reference From old datasheet system Beacon Light; Supply Voltage:120VAC; Average Rated Bulb Life:20000h; Current Rating:0.200A; Lens Color:Amber; Light Source:Flashing Circular Connector; No. of Contacts:19; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-19 RoHS Compliant: No RACKMOUNT FOR T1/E1 FIBERMUX XLT POT 200 OHM 1/4 SQ CERM SL MT POT 25K OHM 1/4 SQ CERM SL MT LJT 19C 19#20 SKT PLUG RES, TF, 3.74K, 1%, 0.1W, 0603, CRCW06033741F, VISHAY Switch Mode Power Supply; Output Power:5W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:0.45A; Power Supply Mounting:PC Board; Output Current:0.45A; Output Power Max:5W; Output Voltage:12VDC; Series:KW RoHS Compliant: NA Precision Adjustable Shunt Reference 精密可调并联参 192210397 精密可调并联参
|
List of Unclassifed Man... http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. ASTEC Semiconductor
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
MAX5037EMH MAX5037ETH |
4.75 to 5.5 V or 8 to 28 V, VRM 9.0, dual-phase, parallelable, average current-mode controller VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller 4 A SWITCHING CONTROLLER, 525 kHz SWITCHING FREQ-MAX, PQFP44
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
PK552 |
Average Weight: 2.9376g
|
Xilinx, Inc
|
BTY79 BTY79-1000R BTY79-400R BTY79-500R BTY79-600R |
Average on-state current
|
New Jersey Semi-Conductor Products, Inc.
|
PK544 |
Average Weight: 14.3000g
|
Xilinx, Inc
|
R6220455 R6220855 R6221255 R6221655 R6221055 R6220 |
Fast Recovery Rectifier (550Amperes Average 1600 Volts) Fast Recovery Rectifier (550Amperes Average 1600 Volts) 快速恢复整流器(五五○安培平均1600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
MAX5065 |
(MAX5065 / MAX5067) Average-Current-Mode Controllers
|
Maxim Integrated Products
|
MAX5061EUE MAX5060 MAX5060ATI MAX5060ETI MAX5061 M |
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
|
MAXIM[Maxim Integrated Products]
|