PART |
Description |
Maker |
BT169D BT169G |
Thyristors logic level
|
Tiger Electronic Co.,Ltd
|
C106M-600V |
Thyristors logic level
|
Tiger Electronic Co.,Ltd
|
BT258B-600R BT258B BT258B-800R BT258B-500R |
Thyristors logic level 8 A, 600 V, SCR
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT258U-800R BT258U-600R BT258U BT258U-500R |
Thyristors logic level 8 A, 800 V, SCR, TO-251
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT258U-600R127 |
Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 8 A; V<sub>DRM</sub>: 600 V; Package: week 1, 2005
|
NXP SEMICONDUCTORS
|
MAC08MT1G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ON Semiconductor
|
MAC15-4FP MAC15A6FP MAC15A4FP MAC15A8FP MAC15-10FP |
ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS 800 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc]
|
PMV60EN PMV60EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET 3M SCOTCHCAST ELECTRICAL RESIN 5 (16 1-LB UNITS = CARTON) RoHS Compliant: Yes UTrenchMOS enhanced logic level FET From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PH3230S PH3230S115 |
N-channel Trenchmos (tm) logic level FET; Package: SOT669 (LFPAK); Container: Tape reel smd 107 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235AA N-channel TrenchMOS logic level FET N-channel TrenchMOS⑩ logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
FT1008MH FT1008BH FT1008DH |
600 V, 10 mA logic level TRIAC 200 V, 10 mA logic level TRIAC 400 V, 10 mA logic level TRIAC
|
Fagor
|