PART |
Description |
Maker |
CS8151D2G CS8151YDWFR16G CS8151D2R2G CS8151YDWF16G |
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16 5 V, 100 mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14
|
ON Semiconductor
|
CS8120YD14 CS8120YDPR5 CS8120YTHA5 CS8120YTVA5 CS8 |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO14 5.0 V, 300 MA LINEAR REGULATOR WITH RESET AND ENABLE 5V, 300mA Linear Regulator with RESETbar and ENABLEbar
|
ONSEMI[ON Semiconductor]
|
ADP3309ART-3-REEL ADP3309ART-3-REEL7 ADP3309ART-3. |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Analog IC anyCAP® 100 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator
|
TE Connectivity, Ltd. Analog Devices
|
MAX8875 MAX8875EUK25 MAX8875EUK25-T MAX8875EUK27 M |
150mA / Low-Dropout Linear Regulator with Power-OK Output 150mA, Low-Dropout Linear Regulator with Power-OK Output 2.5 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CS8101YDR8G |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor
|
UR533L-15-TQ5-R UR533L-15-TQ5-T UR533-25-TQ5-T UR5 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, SFM5 5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
NCP566ST18T3G |
1.5 A Low Dropout Linear Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4
|
ON Semiconductor
|
CS9201YDF8 CS9201YDFR8 CS9201 CS9201-D |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAPE
|
http:// ONSEMI[ON Semiconductor]
|
MAX1735 MAX1735EUK25-T MAX1735EUK30-T MAX1735EUK50 |
"200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23" 200mA / Negative-Output / Low-Dropout Linear Regulator in SOT23 200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23 FIXED/ADJUSTABLE NEGATIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AAT1117 AAT1117XMY-3.3-B1 AAT1117XMY-3.3-T1 AAT111 |
3A Fixed Low Dropout Linear Regulator (LDO) 1 Amp Linear Regulator
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|
BL1085-50CS BL1085-50CZ BL1085-50CS1 BL1085-18CZ B |
3A LOW DROPOUT LINEAR REGULATOR 3A低压降线性调 3A LOW DROPOUT LINEAR REGULATOR A低压降线性调
|
上海贝岭股份有限公司 Shanghai Belling Co., Ltd.
|