PART |
Description |
Maker |
2537A-04GXT 2537A-04GXT-D |
USB CONNECTOR R/A DIP TYPE
|
SUYIN USA, INC.
|
020003MR004S200ZU |
USB CONNECTOR R/A DIP TYPE SERIES A
|
SUYIN USA, INC.
|
020169MR004G103ZL 020169MR004G203ZL 020169MR004G30 |
USB CONNECTOR R/A DIP TYPE SEREIS A
|
SUYIN USA, INC.
|
U040-06N-MIC-F |
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
|
Tripp Lite. All Rights ...
|
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
52807-3010 52807-1710 52807-1010 |
1.0 FFC Non ZIF DIP Hsg Assy 30Ckt 30 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER 1.0 FFC Non ZIF DIP Hsg Assy 17Ckt 17 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER 1.0 FFC Non ZIF DIP Hsg Assy 10Ckt 10 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER
|
Molex, Inc.
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
A-KAB-USBB-FS-1M-R |
WATERPROOF USB B FEMALE CONNECTOR, W/CABLE, 1M, OPEN END
|
Assmann Electronics Inc.
|
07-01-7101 07-01-7102 |
Connector; No. of Contacts:10; Pitch Spacing:0.175"; No. of Rows:1; Mounting Type:PCB; Gender:Female RoHS Compliant: Yes 10 CONTACT(S), FEMALE, POWER CONNECTOR Commoning Connector Poly 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
GSB321131HR |
USB 3.0 B TYPE CONNECTOR , R/A DIP TYPE
|
Amphenol Corporation
|